Electronic Components Datasheet Search
  English  ▼

X  

EC5602 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC5602
Description  High Slew Rate Rail-to-Rail Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5602 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC5602 Datasheet HTML 1Page - E-CMOS Corporation EC5602 Datasheet HTML 2Page - E-CMOS Corporation EC5602 Datasheet HTML 3Page - E-CMOS Corporation EC5602 Datasheet HTML 4Page - E-CMOS Corporation EC5602 Datasheet HTML 5Page - E-CMOS Corporation EC5602 Datasheet HTML 6Page - E-CMOS Corporation EC5602 Datasheet HTML 7Page - E-CMOS Corporation EC5602 Datasheet HTML 8Page - E-CMOS Corporation EC5602 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC5602
High Slew Rate Rail-to-Rail Dual Operational Amplifiers
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 12
6A27N Rev. F002
1
Electrical Characteristics
(Typical Performance Characteristics)
VS+= +5V, VS - = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
Parameter
Description
Condition
Min
Typ
Max
Units
Input Characteristics
VOS
Input Offset Voltage
VCM= 0V
2
12
mV
TCVOS
Average Offset Voltage Drift
[1]
5
µV/°C
IB
Input Bias Current
VCM= 0V
2
50
nA
RIN
Input Impedance
1
GΩ
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-5.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -5.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V < VOUT < 4.5V
75
95
dB
Output Characteristics
VOL
Output Swing Low-
IL=-5mA
-4.92
-4.85
V
VOH
Output Swing High
IL=5mA
4.85
4.92
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
Power Supply Performance
PSRR
Power Supply Rejection Ratio
VS is moved from ±3.75V
to ±7.75V
60
80
dB
IS
Supply Current (Per Amplifier)
No Load
1.2
1.5
mA
Dynamic Performance
SR
Slew Rate [2]
-4.0V < VOUT < 4.0V,
20% to 80%
13
20
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO=2V Step
200
ns
BW
-3dB Bandwidth
RL
L=10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL
8
MHz
PM
Phase Margin
60
Degrees
CS
Channel Separation
f = 1 MHz
75
dB
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com