Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 4 Page - Texas Instruments

  INA181_17 Datasheet HTML 1Page - Texas Instruments INA181_17 Datasheet HTML 2Page - Texas Instruments INA181_17 Datasheet HTML 3Page - Texas Instruments INA181_17 Datasheet HTML 4Page - Texas Instruments INA181_17 Datasheet HTML 5Page - Texas Instruments INA181_17 Datasheet HTML 6Page - Texas Instruments INA181_17 Datasheet HTML 7Page - Texas Instruments INA181_17 Datasheet HTML 8Page - Texas Instruments INA181_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1
OUT1
10
VS
2
IN±1
9
OUT2
3
IN+1
8
IN±2
4
GND
7
IN+2
5
REF1
6
REF2
Not to scale
4
INA181, INA2181
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
DGS Package
10-Pin VSSOP
Top View
(1)
INA2181 is preview device. See the Package Option Addendum at the end of this data sheet for more information.
Pin Functions: INA2181
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
4
Analog
Ground
IN–1
2
Analog input
Current-sense amplifier negative input for channel 1. For high-side applications, connect to
load side of channel-1 sense resistor. For low-side applications, connect to ground side of
channel-1 sense resistor.
IN+1
3
Analog input
Current-sense amplifier positive input for channel 1. For high-side applications, connect to
bus-voltage side of channel-1 sense resistor. For low-side applications, connect to load side
of channel-1 sense resistor.
IN–2
8
Analog input
Current-sense amplifier negative input for channel 2. For high-side applications, connect to
load side of channel-2 sense resistor. For low-side applications, connect to ground side of
channel-2 sense resistor.
IN+2
7
Analog input
Current-sense amplifier positive input for channel 2. For high-side applications, connect to
bus-voltage side of channel-2 sense resistor. For low-side applications, connect to load side
of channel-2 sense resistor.
OUT1
1
Analog output
Channel 1 output voltage
OUT2
9
Analog output
Channel 2 output voltage
REF1
5
Analog input
Channel 1 reference voltage, 0 to VS
REF2
6
Analog input
Channel 2 reference voltage, 0 to VS
VS
10
Analog
Power supply pin, 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com