Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 5 Page - Texas Instruments

  INA181_17 Datasheet HTML 1Page - Texas Instruments INA181_17 Datasheet HTML 2Page - Texas Instruments INA181_17 Datasheet HTML 3Page - Texas Instruments INA181_17 Datasheet HTML 4Page - Texas Instruments INA181_17 Datasheet HTML 5Page - Texas Instruments INA181_17 Datasheet HTML 6Page - Texas Instruments INA181_17 Datasheet HTML 7Page - Texas Instruments INA181_17 Datasheet HTML 8Page - Texas Instruments INA181_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
INA181, INA2181
www.ti.com
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any pin can exceed the voltage shown if the current at that pin is limited to 5 mA.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS
6
V
Analog inputs, IN+, IN– (2)
Differential (VIN+) – (VIN–)
–26
26
V
Common-mode(3)
GND – 0.3
26
Input voltage range
at REF pin
GND – 0.3
VS + 0.3
V
Output voltage
GND – 0.3
VS + 0.3
V
Maximum output current, IOUT
8
mA
Operating free-air temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage (IN+ and IN–)
–0.2
12
26
V
VS
Operating supply voltage
2.7
5
5.5
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC (1)
INA181
INA2181
(PREVIEW)
UNIT
DBV (SOT-23)
DGS (VSSOP)
6 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
198.7
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
120.9
TBD
°C/W
RθJB
Junction-to-board thermal resistance
52.3
TBD
°C/W
ψJT
Junction-to-top characterization parameter
30.3
TBD
°C/W
ψJB
Junction-to-board characterization parameter
52.0
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com