Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA181_17 Datasheet HTML 5Page - Texas Instruments INA181_17 Datasheet HTML 6Page - Texas Instruments INA181_17 Datasheet HTML 7Page - Texas Instruments INA181_17 Datasheet HTML 8Page - Texas Instruments INA181_17 Datasheet HTML 9Page - Texas Instruments INA181_17 Datasheet HTML 10Page - Texas Instruments INA181_17 Datasheet HTML 11Page - Texas Instruments INA181_17 Datasheet HTML 12Page - Texas Instruments INA181_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
D017
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
D018
A1
A2
A3
A4
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
D015
A1
A2
A3
A4
Frequency (Hz)
-10
0
10
20
30
40
50
10
100
1k
10k
100k
1M
10M
D016
A1
A2
A3
A4
Gain Error (%)
D013
Gain Error (%)
D014
9
INA181, INA2181
www.ti.com
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = VS / 2, and VIN+ = 12 V (unless otherwise noted)
Figure 13. Gain Error Production Distribution A3
Figure 14. Gain Error Production Distribution A4
Figure 15. Gain Error vs Temperature
Figure 16. Gain vs Frequency
Figure 17. Power-Supply Rejection Ratio vs Frequency
Figure 18. Common-Mode Rejection Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com