Electronic Components Datasheet Search
  English  ▼

X  

G950 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G950
Description  2.5V 1A Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G950 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G950 Datasheet HTML 1Page - List of Unclassifed Manufacturers G950 Datasheet HTML 2Page - List of Unclassifed Manufacturers G950 Datasheet HTML 3Page - List of Unclassifed Manufacturers G950 Datasheet HTML 4Page - List of Unclassifed Manufacturers G950 Datasheet HTML 5Page - List of Unclassifed Manufacturers G950 Datasheet HTML 6Page - List of Unclassifed Manufacturers G950 Datasheet HTML 7Page - List of Unclassifed Manufacturers G950 Datasheet HTML 8Page - List of Unclassifed Manufacturers G950 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Ver: 1.6
Dec 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G950
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +5V, CIN=1µF, COUT=10µF, TA=25°C, unless otherwise noted.)
Ground Current vs. Load Current
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Output Voltage vs. Load Current
2.480
2.500
2.520
2.540
2.560
2.580
2.600
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
100
200
300
400
500
600
700
800
900
1000
Load Current (mA)
Line Transient
Load Transient
Ch1: Vin (offset=5.0V)
Ch2: Vout (offset=2.50V)
CIN = 1uF
Iout=100mA
Ch1: Iout (1A/div)
Ch2: Vout (offset=2.50V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com