Electronic Components Datasheet Search
  English  ▼

X  

G950 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G950
Description  2.5V 1A Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G950 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G950 Datasheet HTML 1Page - List of Unclassifed Manufacturers G950 Datasheet HTML 2Page - List of Unclassifed Manufacturers G950 Datasheet HTML 3Page - List of Unclassifed Manufacturers G950 Datasheet HTML 4Page - List of Unclassifed Manufacturers G950 Datasheet HTML 5Page - List of Unclassifed Manufacturers G950 Datasheet HTML 6Page - List of Unclassifed Manufacturers G950 Datasheet HTML 7Page - List of Unclassifed Manufacturers G950 Datasheet HTML 8Page - List of Unclassifed Manufacturers G950 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ver: 1.6
Dec 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G950
Global Mixed-mode Technology Inc.
2.5V 1A Regulator
Features
Output current in excess of 1A
Output voltage accuracy +3%/-1%
Quiescent current, typically 600µA
Internal short circuit current limit
Internal over temperature protection
Applications
PC motherboard
ADSL/Cable Modem
Set-Top-Box
LAN switch/Hub
Router
General Description
The G950 positive 2.5V voltage regulator features
the ability to source 1A of output current. The typical
quiescent current is 0.6mA.
Familiar regulator features such as over tempera-
ture and over current protection circuits are pro-
vided to prevent it from being damaged by ab-
normal operating conditions.
Ordering Information
PIN OPTION
ORDER NUMBER
PACKAGE TYPE
1
2
3
G950T45U
TO 252
VIN
GND
VOUT
G950T55U
TO 263
VIN
GND
VOUT
G950T63U
SOT 223
GND
VOUT
VIN
G950T64U
SOT 223
GND
VIN
VOUT
G950T65U
SOT 223
VIN
GND
VOUT
G950T66U
SOT 223
VIN
VOUT
GND
* For other package types and pin options, please contact us at sales @gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T3 : TO 220
1
2
3
U & D : Tape & Reel Direction
T4 : TO 252
1 : VOUT
GND
VIN
T : Tube
T5 : TO 263
2 : VOUT
VIN
GND
T6 : SOT 223
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Package Type
[Note 4] : Type of COUT
G950
C1
1µF
IQ
V
IN
V
OUT
I
O
C
OUT
10µF
Top View
1
3
TO 220
2
Top View
1
2
3
SOT 223
Top View
1
2
3
TO252、
、
、
、
263
Top View
1
3
TO 220
2
Top View
1
3
TO 220
2
Top View
1
2
3
SOT 223
Top View
Top View
1
2
3
SOT 223
Top View
1
2
3
TO252、
、
、
、
263
Top View
1
2
3
TO252、
、
、
、
263


Similar Part No. - G950

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-04742-01 ETC-G950-04742-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results

Similar Description - G950

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
1.8V 1A Regulator
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G957 GMT-G957 Datasheet
307Kb / 8P
1.5V 1A Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
2.5V 1A Regulator
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
2.5V 1A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com