Electronic Components Datasheet Search
  English  ▼

X  

G950 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # G950
Description  2.5V 1A Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G950 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button G950 Datasheet HTML 2Page - List of Unclassifed Manufacturers G950 Datasheet HTML 3Page - List of Unclassifed Manufacturers G950 Datasheet HTML 4Page - List of Unclassifed Manufacturers G950 Datasheet HTML 5Page - List of Unclassifed Manufacturers G950 Datasheet HTML 6Page - List of Unclassifed Manufacturers G950 Datasheet HTML 7Page - List of Unclassifed Manufacturers G950 Datasheet HTML 8Page - List of Unclassifed Manufacturers G950 Datasheet HTML 9Page - List of Unclassifed Manufacturers G950 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ver: 1.6
Dec 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G950
Global Mixed-mode Technology Inc.
SOT-223 (T6) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
0º
10º
0º
10º
Package Orientation
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L
Feed D irectio n
S O T 223 P acka ge O rie ntatio n
Feed D irectio n
T O 252 、
、
、
、
263 P a c kage O rie ntatio n
Feed D irectio n
S O T 223 P acka ge O rie ntatio n
Feed D irectio n
T O 252 、
、
、
、
263 P a c kage O rie ntatio n



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com