Electronic Components Datasheet Search
  English  ▼

X  

LT3420 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3420
Description  Photoflash Capacitor Chargers with Automatic Refresh
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3420 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3420 Datasheet HTML 10Page - Linear Technology LT3420 Datasheet HTML 11Page - Linear Technology LT3420 Datasheet HTML 12Page - Linear Technology LT3420 Datasheet HTML 13Page - Linear Technology LT3420 Datasheet HTML 14Page - Linear Technology LT3420 Datasheet HTML 15Page - Linear Technology LT3420 Datasheet HTML 16Page - Linear Technology LT3420 Datasheet HTML 17Page - Linear Technology LT3420 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3420/LT3420-1
14
3420fa
risk of drawing too much current from the battery. The
input current to the LT3420/LT3420-1 circuit can be
adjusted by driving the CHARGE pin with a PWM (pulse
width modulation) signal. The microprocessor can adjust
the duty cycle of the PWM signal to achieve the desired
level of input current. Many schemes exist to achieve this
function. Once the target output voltage is reached, the
PWM signal should be halted to avoid overcharging the
photoflash capacitor, since the signal at the CHARGE pin
overrides the refresh timer.
A simple method to achieve adjustable input current is
shown in Figure 9. The PWM signal has a frequency of
1kHz. When ON is logic high, the circuit is enabled and the
CHARGE pin is driven by the PWM signal. When the target
output voltage is reached, DONE goes high while CHARGE
is also high. The output of A1 goes high, which forces
CHARGE high regardless of the PWM signal. The part is
now in the Refresh mode. Once the refresh period is over,
the DONE pin goes low, allowing the PWM signal to drive
the CHARGE pin once again. This function can be easily
implemented in a microcontroller. Figure 10 shows the
input current for the LT3420 and LT3420-1 as the duty
cycle of the PWM signal is varied.
APPLICATIO S I FOR ATIO
Figure 9. Simple Logic for Adjustable Input Current
Figure 10. Input Current as Duty Cycle is Varied
A1
A3
3420 F09
A2
TO
LT3420
CIRCUIT
CHARGE
DONE
ON
1kHz PWM
SIGNAL
DUTY CYCLE (%)
90
3420 F10
10
800
LT3420
LT3420-1
0
30
50
70
400
200
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com