Electronic Components Datasheet Search
  English  ▼

X  

LT3420 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3420
Description  Photoflash Capacitor Chargers with Automatic Refresh
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3420 Datasheet(HTML) 5 Page - Linear Technology

  LT3420 Datasheet HTML 1Page - Linear Technology LT3420 Datasheet HTML 2Page - Linear Technology LT3420 Datasheet HTML 3Page - Linear Technology LT3420 Datasheet HTML 4Page - Linear Technology LT3420 Datasheet HTML 5Page - Linear Technology LT3420 Datasheet HTML 6Page - Linear Technology LT3420 Datasheet HTML 7Page - Linear Technology LT3420 Datasheet HTML 8Page - Linear Technology LT3420 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3420/LT3420-1
5
3420fa
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency for Figure 2 Circuit,
LT3420-1
Input Current, LT3420
VCC Minimum Operating Voltage
Quiescent Current in Refresh Mode
VBAT Minimum Operating Voltage
Input Current, LT3420-1
3420 G13
90
80
70
60
50
40
VOUT (V)
100
200
300
50
150
350
250
VCC = VBAT = VIN
VIN = 3.3V
VIN = 5V
TA = 25°C
3420 G14
1000
900
800
700
600
500
VOUT (V)
100
200
300
50
150
350
250
FIGURE 1 CIRCUIT
VCC = VBAT = 3.3V
TA = 25°C
VOUT (V)
50
300
350
400
450
500
600
100
150
200
250
3420 G15
300
350
550
FIGURE 2 CIRCUIT
VCC = VBAT = 3.3V
TA = 25°C
VCC (V)
2.5
10
3420 G16
5.5
8.5
140
120
100
80
60
4.0
7.0
TA = 25°C
TEMPERATURE (
°C)
–50
100
3420 G17
050
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
–25
25
75
125
V+
V–
ENABLE VOLTAGE
IS HYSTERETIC
TEMPERATURE (
°C)
–50
100
3420 G18
050
–25
25
75
125
2.0
1.8
1.6
1.4
1.2
1.0
V+
V–
ENABLE VOLTAGE
IS HYSTERETIC
Graphs apply to both the LT3420 and LT34201-1 unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com