Electronic Components Datasheet Search
  English  ▼

X  

MIC204 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC204
Description  SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC204 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC204 Datasheet HTML 4Page - Micrel Semiconductor MIC204 Datasheet HTML 5Page - Micrel Semiconductor MIC204 Datasheet HTML 6Page - Micrel Semiconductor MIC204 Datasheet HTML 7Page - Micrel Semiconductor MIC204 Datasheet HTML 8Page - Micrel Semiconductor MIC204 Datasheet HTML 9Page - Micrel Semiconductor MIC204 Datasheet HTML 10Page - Micrel Semiconductor MIC204 Datasheet HTML 11Page - Micrel Semiconductor MIC204 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC2044/2045
Micrel
MIC2044/2045
8
October 2003
Functional Characteristics
VIN =VBIAS = 5.0V
RLOAD = 1.65W
CLOAD =47mF
RSET = 100W
5V Turn-On
TIME (1ms/div.)
VIN =VBIAS = 5.0V
RLOAD = 1.65V
CLOAD =47mF
RSET = 100W
5V Turn-Off
TIME (500ms/div.)
V
IN = VBIAS = 5.0V
R
LOAD = 1.8Ω
C
LOAD = 47µF
R
SET = 220Ω
Latched Output
MIC2045
TIME (5ms/div.)
V
IN = VBIAS = 5.0V
R
LOAD toggles from 2Ω to OPEN
C
LOAD = 47µF
R
SET = 220Ω
4.82V
Latched Output Reset
MIC2045
TIME (50ms/div.)
V
IN ramps 0V to 1.8V
R
LOAD = 5Ω
C
LOAD = 47µF
R
SET = 220Ω
UVLO Response
TIME (2.5ms/div.)
1.45V
V
IN = VBIAS = 5.0V
R
LOAD = 1.2Ω
C
LOAD = 47µF
R
SET = 100Ω
Current Limit Response
TIME (5ms/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com