Electronic Components Datasheet Search
  English  ▼

X  

MIC204 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC204
Description  SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC204 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC204 Datasheet HTML 7Page - Micrel Semiconductor MIC204 Datasheet HTML 8Page - Micrel Semiconductor MIC204 Datasheet HTML 9Page - Micrel Semiconductor MIC204 Datasheet HTML 10Page - Micrel Semiconductor MIC204 Datasheet HTML 11Page - Micrel Semiconductor MIC204 Datasheet HTML 12Page - Micrel Semiconductor MIC204 Datasheet HTML 13Page - Micrel Semiconductor MIC204 Datasheet HTML 14Page - Micrel Semiconductor MIC204 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MIC2044/2045
Micrel
MIC2044/2045
14
October 2003
7,11,
13,16
8
2
5
4
6
15
9,12,14
1
3
RSET
200W
C1
0.1mF
10
MIC2044-1BTS
VBIAS
VIN
EN
/FAULT
UVLOIN
SLEW
VOUT
PGREF
PWRGD
ILIM
GND
R1
47kW
R4
75kW
1%
R5
36.5kW
1%
CLOAD
22mF
VOUT
0.8V @1.5A
R7
47kW
Digital
Output
Signals
C3
10mF
C2
0.1mF
VIN
0.8V
VDD
2.5V
R2
95.3kW
1%
R3
59.0kW
1%
R6
47kW
Note:
All VIN pins (7, 11, 13, 16) must be externally tied together.
All VOUT pins (9, 12, 14) must be externally tied together.
Undervoltage Lockout = 0.6V.
Output Power-Good = 0.7V.
Figure 4. Lower UVLO Setting
Power Dissipation
Power dissipation depends on several factors such as the
load, PCB layout, ambient temperature, and package type.
The following equations can be used to calculate power
dissipation and die temperature.
Calculation of power dissipation can be accomplished by the
following equation:
P
D = RDS(on) × (IOUT)
2
(5)
To relate this to junction temperature, the following equation
can be used:
T
J = PD × R(
θJ-A) + TA
(6)
where T
J = junction temperature, TA = ambient temperature
and Rθ(J-A) is the thermal resistance of the package.
Printed Circuit Board Hot Plug
The MIC2044/45 are ideal inrush current limiting power
switches suitable for hot plug applications. Due to the inte-
grated charge pump, the MIC2044/45 present a high imped-
ance when in the off state and the device slowly becomes a
low impedance as it turns on. This effectively isolates power
supplies from highly capacitive loads by reducing inrush
current during hot plug events. This same feature also can be
used for soft-start requirements.
PCB Layout Recommendations
The MIC2044 and MIC2045 have very low on-resistance,
typically 20m
Ω, and the switches can provide up to 6A of
continuous output current. Under heavy loads, the switched
current may cause the devices to heat up considerably. The
following list contains some useful suggestions for PCB
layout design of the MIC2044/45 in order to prevent the die
from overheating under normal operating conditions.
1. Micrel Semiconductor does not assume responsibility for the use of
this program tool in the event that any PCB assembled, tested,
produced, and/or manufactured becomes damaged and/or causes any
degradation of system performance or damage to any system
components in which the aforementioned PCB is included.
1. Supply additional copper area under the device
to remove heat away from the IC.
See
“Application Hint 17” for a general guideline
in calculating the suggested area.
2. Provide additional pad area on the corner pins of
the MIC2044/45 IC for heat distribution.
3. Tie the common power pins (V
IN = pins 7, 11,
13, 16 and V
OUT = pins 9, 12, 14) together in a
manner such that the traces entering and
leaving the device have a uniform width suffi-
cient for the application’s current requirements
plus added margin (25% minimum recom-
mended).
Ex: For 4A maximum current, design traces for
5A capability.
4. For PCB trace width calculation, there are
numerous calculator programs available on the
internet and elsewhere. As a general rule of
thumb, 15-20 mils width for every 1A of current
when using 1oz. copper. However, the trace
width calculators often take into account maxi-
mum temperature increase constraints, as well
as layer arrangement, in determining the PCB
trace widths. As a reference, the following link is
suggested for trial tests in PCB trace width
calculations.1
http://www.aracnet.com/cgi-usr/gpatrick/trace.pl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com