Electronic Components Datasheet Search
  English  ▼

X  

MIC204 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC204
Description  SINGLE CHANNEL HIGH CURRENT LOW VOLTAGE, PROTECTED POWER DISTRIBUTION SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC204 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC204 Datasheet HTML 1Page - Micrel Semiconductor MIC204 Datasheet HTML 2Page - Micrel Semiconductor MIC204 Datasheet HTML 3Page - Micrel Semiconductor MIC204 Datasheet HTML 4Page - Micrel Semiconductor MIC204 Datasheet HTML 5Page - Micrel Semiconductor MIC204 Datasheet HTML 6Page - Micrel Semiconductor MIC204 Datasheet HTML 7Page - Micrel Semiconductor MIC204 Datasheet HTML 8Page - Micrel Semiconductor MIC204 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
October 2003
5
MIC2044/2045
MIC2044/2045
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
FLAG
Flag Response Delay
V
IN = VBIAS = 3V, 5V
25
32
40
ms
t
ON
Output Turn-on Delay
R
LOAD = 10Ω, CLOAD = 1µF
0.75
1
1.25
ms
t
R
Output Turn-on Rise Time
R
LOAD = 10Ω, CLOAD = 1µF
1.5
2.5
3.5
ms
t
OFF
Output Turn-off Delay
R
LOAD = 10Ω, CLOAD = 1µF1
5
µs
t
F
Output Turn-off Fall Time
R
LOAD = 10Ω, CLOAD = 1µF24
µs
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k
Ω in series with 100pF.
Note 4.
Specification for packaged product only.
Note 5.
OFF is V
EN < 1.0V for MIC2044/MIC2045–1 and VEN > 4.0V for MIC2044/MIC2045 –2. ON is VEN > 4.0V for MIC2044/MIC2045–1 and
V
EN < 1.0V for MIC2044/MIC2045 –2.
Note 6.
The current limit is determined as follows: I
LIM = CLF/RSET.
Timing Diagrams
50%
(a) MIC2044/45-1
(b) MIC2044/45-2
10%
90%
0
VEN
tON
tOFF
0
VOUT
50%
10%
90%
0
VEN
tON
tOFF
0
VOUT
Figure 1. Turn-On/Turn-Off Delay
0
VEN
ILIMIT
0
VOUT
0
IOUT
0
/FAULT
tFLAG
VIN 0.2V
Increase the load
Figure 2. Overcurrent Fault Response — MIC2044-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com