Electronic Components Datasheet Search
  English  ▼

X  

AD4008 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4008
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4008 Datasheet(HTML) 4 Page - Analog Devices

  AD4008 Datasheet HTML 1Page - Analog Devices AD4008 Datasheet HTML 2Page - Analog Devices AD4008 Datasheet HTML 3Page - Analog Devices AD4008 Datasheet HTML 4Page - Analog Devices AD4008 Datasheet HTML 5Page - Analog Devices AD4008 Datasheet HTML 6Page - Analog Devices AD4008 Datasheet HTML 7Page - Analog Devices AD4008 Datasheet HTML 8Page - Analog Devices AD4008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 4 of 36
SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled,
turbo mode enabled, and sampling frequency (fS) = 2 MSPS for the AD4000, fS = 1 MSPS for the AD4004, and fS = 500 kSPS for the AD4008,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ voltage (VIN+) − IN− voltage (VIN−)
0
VREF
V
Operating Input Voltage
VIN+ to GND
−0.1
VREF + 0.1
V
VIN− to GND
−0.1
+0.1
V
Span compression enabled
0.1 × VREF
0.9 × VREF
V
Analog Input Current
Acquisition phase, T = 25°C
0.3
nA
High-Z mode enabled, converting dc
input at 2 MSPS
1
µA
THROUGHPUT
Complete Cycle
AD4000
500
ns
AD4004
1000
ns
AD4008
2000
ns
Conversion Time
270
290
320
ns
Acquisition Phase1
AD4000
290
ns
AD4004
790
ns
AD4008
1790
ns
Throughput Rate2
AD4000
0
2
MSPS
AD4004
0
1
MSPS
AD4008
0
500
kSPS
Transient Response3
150
ns
DC ACCURACY
No Missing Codes
16
Bits
Integral Nonlinearity Error (INL)
−1.0
±0.2
+1.0
LSB
T = 0°C to 85°C
−0.8
±0.2
+0.8
LSB
Differential Nonlinearity Error (DNL)
−0.5
±0.15
+0.5
LSB
Transition Noise
0.5
LSB
Zero Error
−4.5
+4.5
LSB
Zero Error Drift4
−0.55
+0.55
ppm/°C
Gain Error
−20
±3
+20
LSB
Gain Error Drift4
−0.92
+0.92
ppm/°C
Power Supply Sensitivity
VDD = 1.8 V ± 5%
0.5
LSB
1/f Noise5
Bandwidth = 0.1 Hz to 10 Hz
6
µV p-p
AC ACCURACY
Dynamic Range
93.5
dB
Total RMS Noise
37
µV rms
fIN = 1 kHz, −0.5 dBFS, VREF = 5 V
Signal-to-Noise Ratio (SNR)
91
93
dB
Spurious-Free Dynamic Range (SFDR)
112
dB
Total Harmonic Distortion (THD)
−115
dB
Signal-to-Noise-and-Distortion Ratio
(SINAD)
91
92.5
dB
Oversampled Dynamic Range
Oversampling ratio (OSR) = 256,
VREF = 5 V
117
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com