Electronic Components Datasheet Search
  English  ▼

X  

AD4008 Datasheet(PDF) 5 Page - Analog Devices

Part # AD4008
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4008 Datasheet(HTML) 5 Page - Analog Devices

  AD4008 Datasheet HTML 1Page - Analog Devices AD4008 Datasheet HTML 2Page - Analog Devices AD4008 Datasheet HTML 3Page - Analog Devices AD4008 Datasheet HTML 4Page - Analog Devices AD4008 Datasheet HTML 5Page - Analog Devices AD4008 Datasheet HTML 6Page - Analog Devices AD4008 Datasheet HTML 7Page - Analog Devices AD4008 Datasheet HTML 8Page - Analog Devices AD4008 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD4000/AD4004/AD4008
Rev. C | Page 5 of 36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fIN = 1 kHz, −0.5 dBFS, VREF = 2.5 V
SNR
85.5
87.5
dB
SFDR
115
dB
THD
−113
dB
SINAD
85.5
87
dB
fIN = 100 kHz, −0.5 dBFS, VREF = 5 V
SNR
90
dB
THD
−95
dB
SINAD
89
dB
fIN = 400 kHz, −0.5 dBFS, VREF = 5 V
SNR
85
dB
THD
−91
dB
SINAD
84
dB
−3 dB Input Bandwidth
10
MHz
Aperture Delay
1
ns
Aperture Jitter
1
ps rms
REFERENCE
Voltage Range, VREF
2.4
5.1
V
Current
VREF = 5 V
AD4000
2 MSPS
0.75
mA
AD4004
1 MSPS
0.325
mA
AD4008
500 kSPS
0.185
mA
INPUT OVERVOLTAGE CLAMP
IN+/IN− Current, IIN+/IIN−
VREF = 5 V
50
mA
VREF = 2.5 V
50
mA
VIN+/VIN− at Maximum IIN+/IIN−
VREF = 5 V
5.4
V
VREF = 2.5 V
3.1
V
VIN+/VIN− Clamp On/Off Threshold
VREF = 5 V
5.25
5.4
V
VREF = 2.5 V
2.68
2.8
V
Deactivation Time
360
ns
REF Current at Maximum IIN+
VIN+ > VREF
100
µA
DIGITAL INPUTS
Logic Levels
Input Low Voltage, VIL
VIO > 2.7 V
−0.3
+0.3 × VIO
V
VIO ≤ 2.7 V
−0.3
+0.2 × VIO
V
Input High Voltage, VIH
VIO > 2.7 V
0.7 × VIO
VIO + 0.3
V
VIO ≤ 2.7 V
0.8 × VIO
VIO + 0.3
V
Input Low Current, IIL
−1
+1
µA
Input High Current, IIH
−1
+1
µA
Input Pin Capacitance
6
pF
DIGITAL OUTPUTS
Data Format
Serial 16 bits, straight binary
Pipeline Delay
Conversion results available
immediately after completed
conversion
Output Low Voltage, VOL
ISINK = 500 µA
0.4
V
Output High Voltage, VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
1.71
1.8
1.89
V
VIO
1.71
5.5
V
Standby Current
VDD and VIO = 1.8 V, T = 25°C
1.6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com