Electronic Components Datasheet Search
  English  ▼

X  

AD4008 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4008
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4008 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4008 Datasheet HTML 10Page - Analog Devices AD4008 Datasheet HTML 11Page - Analog Devices AD4008 Datasheet HTML 12Page - Analog Devices AD4008 Datasheet HTML 13Page - Analog Devices AD4008 Datasheet HTML 14Page - Analog Devices AD4008 Datasheet HTML 15Page - Analog Devices AD4008 Datasheet HTML 16Page - Analog Devices AD4008 Datasheet HTML 17Page - Analog Devices AD4008 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 14 of 36
TIME (Seconds)
02
468
10
948
949
950
951
952
953
954
955
Figure 23. 1/f Noise for 0.1 Hz to 10 Hz Bandwidth, 50 kSPS, 2500 Samples
Averaged per Reading
–40
–20
0
40
20
60
80
100
120
TEMPERATURE (°C)
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
0
1
2
3
4
5
6
7
8
Figure 24. Operating Current vs. Temperature, AD4000, 2 MSPS
–40
–20
0
40
20
60
80
100
120
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
Figure 25. Operating Current vs. Temperature, AD4008, 500 kSPS
TEMPERATURE (°C)
–40
–20
0
40
20
60
80
100
120
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
ZERO ERROR
GAIN ERROR
Figure 26. Zero Error and Gain Error vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–40
–20
0
20406080
100
120
TEMPERATURE (°C)
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
Figure 27. Operating Current vs. Temperature, AD4004, 1 MSPS
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
REFERENCE VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2MSPS
1MSPS
500kSPS
Figure 28. Reference Current vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com