Electronic Components Datasheet Search
  English  ▼

X  

AD9695 Datasheet(PDF) 95 Page - Analog Devices

Part # AD9695
Description  Dual Analog-to-Digital Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9695 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD9695 Datasheet HTML 91Page - Analog Devices AD9695 Datasheet HTML 92Page - Analog Devices AD9695 Datasheet HTML 93Page - Analog Devices AD9695 Datasheet HTML 94Page - Analog Devices AD9695 Datasheet HTML 95Page - Analog Devices AD9695 Datasheet HTML 96Page - Analog Devices AD9695 Datasheet HTML 97Page - Analog Devices AD9695 Datasheet HTML 98Page - Analog Devices AD9695 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
AD9695
Data Sheet
Rev. 0 | Page 94 of 135
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit
locations. The memory map is divided into the following
sections:
Analog Devices SPI registers (Register 0x0000 to
Register 0x000F)
Clock/SYSREF/chip power-down pin control registers
(Register 0x003F to Register 0x0201)
Fast detect and signal monitor control registers
(Register 0x0245 to Register 0x027A)
DDC function registers (Register 0x0300 to
Register 0x03CD)
Digital outputs and test modes registers (Register 0x0550 to
Register 0x05CB)
Programmable filter control and coefficients registers
(Register 0x0DF8 to Register 0x0F7F)
VREF/analog input control registers (Register 0x18A6 to
Register 0x1A4D)
Table 47 (see the Memory Map Register Details section)
documents the default hexadecimal value for each hexadecimal
address shown. The column with the heading Bit 7 (MSB) is the
start of the default hexadecimal value given. For example,
Address 0x0561, the output sample mode register, has a
hexadecimal default value of 0x01, which means that Bit 0 = 1,
and the remaining bits are 0s. This setting is the default output
format value, which is twos complement. For more information
on this function and others, see Table 47.
Open and Reserved Locations
All address and bit locations that are not included in Table 47
are not currently supported for this device. Write unused bits
of a valid address location with 0s unless the default value is
set otherwise. Writing to these locations is required only when
part of an address location is unassigned (for example,
Address 0x0561). If the entire address location is open (for
example, Address 0x0013), do not write to this address location.
Default Values
After the AD9695 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 47.
Logic Levels
An explanation of logic level terminology follows:
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
X denotes a don’t care bit.
Channel Specific Registers
Some channel setup functions, such as the input buffer control
register (Register 0x1A4C), can be programmed to a different
value for each channel. In these cases, channel address locations
are internally duplicated for each channel. These registers and
bits are designated in Table 47 as local. These local registers and
bits can be accessed by setting the appropriate Channel A or
Channel B bits in Register 0x0008. If both bits are set, the
subsequent write affects the registers of both channels. In a read
cycle, set only Channel A or Channel B to read one of the two
registers. If both bits are set during an SPI read cycle, the device
returns the value for Channel A. Registers and bits designated as
global in Table 47 affect the entire device and the channel
features for which independent settings are not allowed
between channels. The settings in Register 0x0005 do not affect
the global registers and bits.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to Register 0x0000,
the AD9695 requires 5 ms to recover. When programming the
AD9695 for application setup, ensure that an adequate delay is
programmed into the firmware after asserting the soft reset and
before starting the device setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com