Electronic Components Datasheet Search
  English  ▼

X  

ADL5561 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5561
Description  2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5561 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5561 Datasheet HTML 5Page - Analog Devices ADL5561 Datasheet HTML 6Page - Analog Devices ADL5561 Datasheet HTML 7Page - Analog Devices ADL5561 Datasheet HTML 8Page - Analog Devices ADL5561 Datasheet HTML 9Page - Analog Devices ADL5561 Datasheet HTML 10Page - Analog Devices ADL5561 Datasheet HTML 11Page - Analog Devices ADL5561 Datasheet HTML 12Page - Analog Devices ADL5561 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADL5561
Data Sheet
Rev. G | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VCOM = 1.65 V, RL = 200 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 140 MHz, and TA = 25°C.
4
6
8
10
12
14
16
10M
100M
1G
10G
FREQUENCY (Hz)
–40°C
+25°C
+85°C
MAXIMUM GAIN
MID GAIN
MINIMUM GAIN
Figure 3. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB over Temperature
4
6
8
10
12
14
16
10M
100M
1G
10G
FREQUENCY (Hz)
MAXIMUM GAIN
MID GAIN
MINIMUM GAIN
–40°C
+25°C
+85°C
Figure 4. Gain vs. Frequency Response for 1 kΩ Differential Load
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB over Temperature
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
0
2
4
6
8
10
12
14
16
10
100
1000
Figure 5. Noise Figure vs. Frequency at
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB
FREQUENCY (MHz)
0
2
4
6
8
10
12
14
0
50
100
150
200
250
MAX GAIN –40°C
MAX GAIN +25°C
MAX GAIN +85°C
MID GAIN –40°C
MID GAIN +25°C
MID GAIN +85°C
MIN GAIN –40°C
MIN GAIN +25°C
MIN GAIN +85°C
Figure 6. Output P1dB (OP1dB) vs. Frequency at AV = 6 dB, AV = 12 dB, and
AV = 15.5 dB over Temperature, 200 Ω Differential Load
0
2
4
6
8
10
12
14
0
50
100
150
200
250
FREQUENCY (MHz)
MAX GAIN –40°C
MAX GAIN +25°C
MAX GAIN +85°C
MID GAIN –40°C
MID GAIN +25°C
MID GAIN +85°C
MIN GAIN –40°C
MIN GAIN +25°C
MIN GAIN +85°C
Figure 7. Output P1dB (OP1dB) vs. Frequency at AV = 6 dB, AV = 12 dB, and
AV = 15.5 dB over Temperature, 1 kΩ Differential Load
0
1
2
3
4
5
6
7
8
10
100
1000
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 8. Noise Spectral Density vs. Frequency at
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com