Electronic Components Datasheet Search
  English  ▼

X  

ADL5561 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5561
Description  2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5561 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5561 Datasheet HTML 9Page - Analog Devices ADL5561 Datasheet HTML 10Page - Analog Devices ADL5561 Datasheet HTML 11Page - Analog Devices ADL5561 Datasheet HTML 12Page - Analog Devices ADL5561 Datasheet HTML 13Page - Analog Devices ADL5561 Datasheet HTML 14Page - Analog Devices ADL5561 Datasheet HTML 15Page - Analog Devices ADL5561 Datasheet HTML 16Page - Analog Devices ADL5561 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADL5561
Data Sheet
Rev. G | Page 12 of 24
–70
–60
–50
–40
–30
–20
–10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
DISABLED
ENABLED
Figure 27. Reverse Isolation (S12) vs. Frequency
1000
900
800
700
600
500
400
300
200
100
0
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
FREQUENCY (Hz)
10M
100M
1G
AV MAXIMUM
AV MID
AV MINIMUM
Figure 28. Input Impedance Magnitude and Phase vs. Frequency
16
14
12
10
8
6
4
2
0
40
35
30
25
20
15
10
5
0
FREQUENCY (Hz)
10M
100M
1G
AV MAXIMUM
AV MID
AV MINIMUM
Figure 29. Output Impedance Magnitude and Phase vs. Frequency
800
700
600
500
400
300
200
100
0
8
7
6
5
4
3
2
1
0
FREQUENCY (Hz)
10M
100M
1G
AV MAXIMUM
AV MID
AV MINIMUM
Figure 30. Input Resistance and Capacitance vs. Frequency
16
14
12
10
8
6
4
2
0
10
8
6
4
2
0
FREQUENCY (Hz)
10M
100M
1G
2G
AV MAXIMUM
AV MID
AV MINIMUM
Figure 31. Output Resistance and Inductance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com