Electronic Components Datasheet Search
  English  ▼

X  

ADL5561 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5561
Description  2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5561 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5561 Datasheet HTML 12Page - Analog Devices ADL5561 Datasheet HTML 13Page - Analog Devices ADL5561 Datasheet HTML 14Page - Analog Devices ADL5561 Datasheet HTML 15Page - Analog Devices ADL5561 Datasheet HTML 16Page - Analog Devices ADL5561 Datasheet HTML 17Page - Analog Devices ADL5561 Datasheet HTML 18Page - Analog Devices ADL5561 Datasheet HTML 19Page - Analog Devices ADL5561 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADL5561
Rev. G | Page 15 of 24
INPUT AND OUTPUT INTERFACING
The ADL5561 can be configured as a differential input to
differential output driver, as shown in Figure 34. The differential
broadband input is provided by the ETC1-1-13 balun transformer,
and the two 34.8 Ω resistors provide a 50 Ω input match for
the three input impedances that change with the variable gain
strapping. The input and output 0.1 μF capacitors isolate the
VCC/2 bias from the source and balanced load. The load must
be 200 Ω to provide the expected ac performance (see the
Specifications section and the Typical Performance
Characteristics section).
3.3V
VIP2
VIP1
VIN1
VIN2
A
B
50Ω
AC
R2
0.1µF
ETC1-1-13
0.1µF
R1
0.1µF
0.1µF
NOTES
1. FOR 6dB GAIN (AV = 2), CONNECT INPUT A TO VIP1 AND INPUT B TO VIN1.
2. FOR 12dB GAIN (AV = 4), CONNECT INPUT A TO VIP2 AND INPUT B TO VIN2.
3. FOR 15.5dB GAIN (AV = 6), CONNECT INPUT A TO BOTH VIP1 AND VIP2
AND INPUT B TO BOTH VIN1 AND VIN2.
RL
2
RL
2
Figure 34. Differential-Input-to-Differential-Output Configuration
Table 4. Differential Termination Values for Figure 34
Gain (dB)
R1 (Ω)
R2 (Ω)
6
28.7
28.7
12
33.2
33.2
15.5
40.2
40.2
The differential gain of the ADL5561 is dependent on the
source impedance and load, as shown in Figure 35.
RL
200Ω
400Ω
400Ω
200Ω
100Ω
100Ω
VIP2
VIP1
VIN1
VIN2
5Ω
5Ω
0.1µF
0.1µF
2
RL
2
AC
1/2 RS
1/2 RS
0.1µF
0.1µF
Figure 35. Differential Input Loading Circuit
The differential gain can be determined using the following
formula. The values of RIN for each gain configuration are
shown in Table 5.
L
L
IN
V
R
R
R
A
10
400
(1)
Table 5. Values of RIN for Differential Gain
Gain (dB)
RIN (Ω)
6
200
12
100
15.5
66.7
Single-Ended Input to Differential Output
The ADL5561 can also be configured in a single-ended input
to differential output driver, as shown in Figure 36. In this
configuration, the gain of the part is reduced due to the
application of the signal to only one side of the amplifier. The
strappable gain values are listed in Table 6 with the required
terminations to match to a 50 Ω source using R1 and R2. Note
that R1 must equal the parallel value of the source and R2. The
input and output 0.1 μF capacitors isolate the VCC/2 bias from
the source and the balanced load. The performance for this
configuration is shown in Figure 11, Figure 14, and Figure 20.
VIP2
VIP1
VIN1
VIN2
A
B
50Ω
AC
R2
0.1µF
0.1µF
0.1µF
3.3V
+
R1
NOTES
1. FOR 5.6dB GAIN (AV = 1.9), CONNECT INPUT A TO VIP1
AND INPUT B TO VIN1.
2. FOR 11.1dB GAIN (AV = 3.6), CONNECT INPUT A TO VIP2
AND INPUT B TO VIN2.
3. FOR 14.1dB GAIN (AV = 5.1), CONNECT INPUT A TO BOTH
VIP1 AND VIP2 AND INPUT B TO BOTH VIN1 AND VIN2.
0.1µF
RL
2
RL
2
Figure 36. Single-Ended Input to Differential-Output Configuration
Table 6. Single-Ended Termination Values for Figure 36
Gain (dB)
R1 (Ω)
R2 (Ω)
5.6
27
60
11.1
29
69
14.1
30
77
The single-ended gain configuration of the ADL5561 is
dependent on the source impedance and load, as shown in
Figure 37.
RL
200Ω
400Ω
400Ω
200Ω
100Ω
100Ω
VIP2
VIP1
VIN1
VIN2
5Ω
5Ω
RS
AC
R2
0.1µF
0.1µF
0.1µF
0.1µF
+
R1
2
RL
2
Figure 37. Single-Ended Input Loading Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com