Electronic Components Datasheet Search
  English  ▼

X  

AD7902 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7902
Description  Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7902 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7902 Datasheet HTML 6Page - Analog Devices AD7902 Datasheet HTML 7Page - Analog Devices AD7902 Datasheet HTML 8Page - Analog Devices AD7902 Datasheet HTML 9Page - Analog Devices AD7902 Datasheet HTML 10Page - Analog Devices AD7902 Datasheet HTML 11Page - Analog Devices AD7902 Datasheet HTML 12Page - Analog Devices AD7902 Datasheet HTML 13Page - Analog Devices AD7902 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7902
Rev. B | Page 9 of 28
Figure 11. Histogram of a DC Input at the Code Center, VREF = 5 V
Figure 12. Histogram of a DC Input at the Code Transition, VREF = 5 V
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 14. Histogram of a DC Input at the Code Center, VREF = 2.5 V
Figure 15. SNR vs. Input Level
Figure 16. THD and SFDR vs. Reference Voltage
50000
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
CODES IN HEX
FA6C FA6D FA6E FA6F FA70 FA71 FA72 FA73 FA74 FA75 FA76
210
12406
41352
11317
249
50000
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
CODES IN HEX
F87C F87D F87E F87F F880 F881 F882 F883 F884 F885
19
3393
31890
28056
2177
100
98
96
94
92
90
88
86
84
82
80
16.0
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25
REFERENCE VOLTAGE (V)
SNR
SINAD
ENOB
50000
45000
40000
35000
30000
25000
20000
15000
10000
5000
0
CODES IN HEX
135
38
4
3524
2991
521
33
46115
12174
FABA FABB FABC FABD FABE FABF FAC0 FAC1 FAC2 FAC3 FAC4 FAC5 FAC6
94
93
92
91
90
89
88
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
–0.1
INPUT LEVEL (dB)
–95
–125
–110
–115
–105
–100
–120
2.25
5.25
REFERENCE VOLTAGE (V)
2.75
3.25
3.75
4.25
4.75
THD
SFDR
100
102
104
106
108
110
112
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com