Electronic Components Datasheet Search
  English  ▼

X  

AD7902 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7902
Description  Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7902 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7902 Datasheet HTML 21Page - Analog Devices AD7902 Datasheet HTML 22Page - Analog Devices AD7902 Datasheet HTML 23Page - Analog Devices AD7902 Datasheet HTML 24Page - Analog Devices AD7902 Datasheet HTML 25Page - Analog Devices AD7902 Datasheet HTML 26Page - Analog Devices AD7902 Datasheet HTML 27Page - Analog Devices AD7902 Datasheet HTML 28Page - Analog Devices AD7902 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD7902
Data Sheet
Rev. B | Page 26 of 28
LAYOUT
Design the printed circuit board (PCB) of the AD7902 such that
the analog and digital sections are separated and confined to
certain areas of the board. The pinout of the AD7902, with its
analog signals on the left side and its digital signals on the right
side, eases this task.
Avoid running digital lines under the device because these couple
noise onto the die unless a ground plane under the AD7902 is used
as a shield. Do not run fast switching signals, such as CNVx or
clocks, near analog signal paths. Avoid crossover of digital and
analog signals. To avoid signal fidelity issues, take care to ensure
monotonicity of digital edges in the PCB layout.
Use at least one ground plane. It can be shared between or split
between the digital and analog sections. In the latter case, join
the planes underneath the AD7902.
The AD7902 voltage reference inputs, REF1 and REF2, have a
dynamic input impedance. Decouple these reference inputs with
minimal parasitic inductances by placing the reference decoupling
ceramic capacitor in close proximity to (ideally, right up
against) the REFx and GND pins and then connecting them
with wide, low impedance traces.
Finally, decouple the power supplies, VDDx and VIOx, with
ceramic capacitors, typically 100 nF. Place them in close proximity
to the AD7902 and connect them using short, wide traces to
provide low impedance paths and to reduce the effect of glitches
on the power supply lines.
See Figure 53 for an example of layout following these rules.
EVALUATING PERFORMANCE OF THE AD7902
Other recommended layouts for the AD7902 are outlined in the
EVAL-AD7902SDZ User Guide. The package for the evaluation
board (EVAL-AD7902SDZ) includes a fully assembled and
tested evaluation board, user guide, and software for controlling
the board from a PC via the EVAL-SDP-CB1Z.
Figure 53. Example Layout of the AD7902 (Top Layer)
REF1
VDD1
IN1+
IN1–
GND
REF2
VDD2
IN2+
IN2–
GND
VIO1
SDI1
SCK1
SDO1
CNV1
VIO2
SDI2
SCK2
SDO2
CNV2
GND
REF
REF
REF
GND
GND
GND
VDD
VDD
GND
VIO
VIO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com