Electronic Components Datasheet Search
  English  ▼

X  

EC2960 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC2960
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC2960 Datasheet HTML 1Page - E-CMOS Corporation EC2960 Datasheet HTML 2Page - E-CMOS Corporation EC2960 Datasheet HTML 3Page - E-CMOS Corporation EC2960 Datasheet HTML 4Page - E-CMOS Corporation EC2960 Datasheet HTML 5Page - E-CMOS Corporation EC2960 Datasheet HTML 6Page - E-CMOS Corporation EC2960 Datasheet HTML 7Page - E-CMOS Corporation EC2960 Datasheet HTML 8Page - E-CMOS Corporation EC2960 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 13
4H19N-Rev.F00F
Electrical Characteristics
Refer to the typical application circuit. These specifications apply over VCNTL=5V, VIN=1.8V or 1.5V, VREF=0.5VIN, CIN=10μF, COUT=10μF
(MLCC) and TA=-40~85℃, unless otherwise specified. Typical values are at TA=25℃.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VCNTL Supply Current
ICNTL
IOUT=0A
1
2
uA
VREF=0V(Shutdown)
5
uA
VIN Supply Current at Shutdown
IFB
VREF=GND(Shutdown)
5
uA
POWER-ON-RESET(POR)
Rising VCNTL POR Threshold
VCNTL Rising
2.5
2.75
2.9
V
VCNTL POR Hysteresis
0.35
V
Rising VIN POR Threshold
VIN Rising
0.7
0.9
1.05
V
VIN POR Hysteresis
0.3
V
OUTPUT VOLTAGE
VOUT Output Voltage
VOUT
IOUT=0A,VREF=0.7~2.8V
VREF
V
System Accuracy
Over temperature and
load current ranges
-20
20
mV
VOUT Offset Voltage(VOUT-VREF)
VOS
IOUT=10mA
-7
-1
mV
IOUT=-10mA
8
12
Load Regulation
IOUT=10mA~1.5A
-13
-8
mV
IOUT=-10mA~-1.5A
4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com