Electronic Components Datasheet Search
  English  ▼

X  

EC2960 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC2960
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC2960 Datasheet HTML 1Page - E-CMOS Corporation EC2960 Datasheet HTML 2Page - E-CMOS Corporation EC2960 Datasheet HTML 3Page - E-CMOS Corporation EC2960 Datasheet HTML 4Page - E-CMOS Corporation EC2960 Datasheet HTML 5Page - E-CMOS Corporation EC2960 Datasheet HTML 6Page - E-CMOS Corporation EC2960 Datasheet HTML 7Page - E-CMOS Corporation EC2960 Datasheet HTML 8Page - E-CMOS Corporation EC2960 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 13
4H19N-Rev.F00F
Absolute Maximum Ratings
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
VCNTL Supply Voltage(VCNTL to GND)
VCNTL
-0.3 to 7
V
VIN Supply voltage(VIN to GND)
VIN
-0.3 to 7
V
VREF Input Voltage(VREF to GND)
VREF
-0.3 to 7
V
VOUT Output Voltage(VOUT to GND)
VOUT
-0.3 to Vin+0.3
V
Power Dissipation
PD
Internally Limited
mW
Operating Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-65 to 150
℃
Lead Temperature (Soldering, 10 sec)
TLEAD
260
℃
ESD (HBM)
2000
V
MSL
Level3
Thermal Resistance-Junction to Ambient
R
θJA
55
℃ / W
Thermal Resistance-Junction to Case
R
θJC
20
℃ / W
Parameter
Symbol
Min.
Max.
Unit
VCNTL Supply Voltage
VCNTL
3
5.5
V
VIN Supply Voltage
VIN
1.2
5.5
V
VREF Input
Voltage
VREF
0.6
VCNTL-2.2
V
VOUT Output Voltage
VOUT
VREF±0.02
V
VOUT Output Current(EC2960)
IOUT
-1.5
1.5
A
VOUT Output Current(EC2960A)
-2
2
Capacitance of Input Capacitor
CIN
10
100
uF
Equivalent Series Resistor(ESR) of Input Capacitor
0
200
mΩ
Capacitance of Output Multi-layer Ceramic
Capacitor(MLCC)
COUT
8
47
uF
Total Output Capacitance
10
330
uF
Operating Junction Temperature
TJ
-40
125
℃
Operating Ambient Temperature
TA
-40
85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com