Electronic Components Datasheet Search
  English  ▼

X  

EC2960 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC2960
Description  Source and Shink 1.5A/2A Fast Transient Response Line Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2960 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC2960 Datasheet HTML 1Page - E-CMOS Corporation EC2960 Datasheet HTML 2Page - E-CMOS Corporation EC2960 Datasheet HTML 3Page - E-CMOS Corporation EC2960 Datasheet HTML 4Page - E-CMOS Corporation EC2960 Datasheet HTML 5Page - E-CMOS Corporation EC2960 Datasheet HTML 6Page - E-CMOS Corporation EC2960 Datasheet HTML 7Page - E-CMOS Corporation EC2960 Datasheet HTML 8Page - E-CMOS Corporation EC2960 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Source and Shink 1.5A/2A Fast Transient
Response Line Regulator
EC2960
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 13
4H19N-Rev.F00F
General Description
The EC2960/EC2960A linear regulator is designed to
provide a regulated voltage with bi-direction output current
for DDRSDRAM termination voltage. The EC2960 integrates
two power transistors to source or sink load current up to
1.5A/2A.It also features internal soft-start, current-limit,
thermal shutdown and enable control functions into a single
chip.The internal soft-start controls the rising rate of the
output voltage to prevent inrush current during start-up.
The current-limit circuit detects the output current and
limits the current during short-circuit or current overload
conditions. The on-chip thermal shutdown provides
thermal protection against any combination of overload
that would create excessive junction temperatures.
The output voltage of EC2960/EC2960A is regulated to track
the voltage on VREF pin. An proper resistor divider connected
to VIN, GND, and VREF pins is used to provide a half voltage
of VIN to VREF pin. In addition, connect an external ceramic
capacitor and a open-drain transistor to VREF pin for external
soft-start and shutdown control.
Pulling and holding the voltage on VREF below the enable
voltage threshold shuts down the output. The output of
EC2960/EC2960A will be high impedance after being
shutdown by VREF or the thermal shutdown function.
Features
● Provide Bi-direction Output Currents
● Sourcing and Sinking Current up to 1.5A/2A Built-in
Soft-Start
● Power-On-Reset Monitoring on VCNTL and VIN
pins
● Fast Transient Response
● Stable with Ceramic Output Capacitors ±20mV High
System Output Accuracy over Load and Temperature
Ranges
● Adjustable Output Voltage by External Resistors
● Current-Limit Protection
● On-Chip Thermal Shutdown
● Shutdown for Standby or Suspend Mode
●SimpleSOP-8 with Exposed Pad(SOP8-EP)
Packages
● Lead Free and Green Devices Available(RoHS
Compliant)
Applications
● DDRII/III SDRAM Termination Voltage
● Motherboard and VGA Card Power Supplies
● Setop Box
● SSTL-2/3 Termination Voltage
Type Application Circuit
Figure 1. Type Application Circuit of EC2960/EC2960A


Similar Part No. - EC2960

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC29 ECLIPTEK-EC29 Datasheet
202Kb / 3P
OSCILLATOR
EC2900ETTS-30.000M ECLIPTEK-EC2900ETTS-30.000M Datasheet
202Kb / 3P
OSCILLATOR
EC2900ETTS-30.000MTR ECLIPTEK-EC2900ETTS-30.000MTR Datasheet
202Kb / 3P
OSCILLATOR
EC2900ETTS-30000M ECLIPTEK-EC2900ETTS-30000M Datasheet
202Kb / 3P
OSCILLATOR
EC2900ETTS-30000MTR ECLIPTEK-EC2900ETTS-30000MTR Datasheet
202Kb / 3P
OSCILLATOR
More results

Similar Description - EC2960

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5336 ANPEC-APL5336 Datasheet
709Kb / 18P
Source and Sink, 1.5A, Fast Transient Response Linear Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Linear Technology
LT1963EFE LINER-LT1963EFE Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Monolithic Power System...
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
Fast Transient Response, 2A Linear Regulator EV Board
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD5860 TECHCODE-TD5860 Datasheet
646Kb / 14P
Source and Sink 1.5A/2A Fast Transient Response Line Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com