Electronic Components Datasheet Search
  English  ▼

X  

EC4501 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC4501
Description  White LED Set-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4501 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC4501 Datasheet HTML 1Page - E-CMOS Corporation EC4501 Datasheet HTML 2Page - E-CMOS Corporation EC4501 Datasheet HTML 3Page - E-CMOS Corporation EC4501 Datasheet HTML 4Page - E-CMOS Corporation EC4501 Datasheet HTML 5Page - E-CMOS Corporation EC4501 Datasheet HTML 6Page - E-CMOS Corporation EC4501 Datasheet HTML 7Page - E-CMOS Corporation EC4501 Datasheet HTML 8Page - E-CMOS Corporation EC4501 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
White LED Set-up Converter
EC4501
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 10
3F27N-Rev.P001
Electrical Characteristics
The following specifications apply for VIN= VEN =3.6V TA=25 oC, unless specified otherwise.
Symbol
Parameter
Test Conditions
EC4501
Unit
Min.
Typ.
Max.
VIN
Input Voltage
3.0
5.5
V
VFB
FB Pin Voltage
Driving 4xLED@20mA
94
104
114
mV
Isw
SW Pin leakage Current
VEN =0, VSW =20V
1
µA
Ioff
Operating Current(Shutdown)
0.1
1
µA
Isby
Operating Current(Quiescent)
VFB=0.5V
100
350
µA
Fsw
Switching Frequency
1.0
1.25
1.5
MHz
Dmax
Maximum Duty Cycle
VFB=0V
85
90
%
VEN_H
EN Minimum High Level
1.5
V
VEN_L
EN Maximum Low Level
0.4
V
RON
SW On Resistance
1.4
Ω
ILIMIT
SW Current Limit
400
mA
VOV
Open Circuit Shutdown Threshold
VOV Rising
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com