Electronic Components Datasheet Search
  English  ▼

X  

EC4501 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC4501
Description  White LED Set-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4501 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC4501 Datasheet HTML 1Page - E-CMOS Corporation EC4501 Datasheet HTML 2Page - E-CMOS Corporation EC4501 Datasheet HTML 3Page - E-CMOS Corporation EC4501 Datasheet HTML 4Page - E-CMOS Corporation EC4501 Datasheet HTML 5Page - E-CMOS Corporation EC4501 Datasheet HTML 6Page - E-CMOS Corporation EC4501 Datasheet HTML 7Page - E-CMOS Corporation EC4501 Datasheet HTML 8Page - E-CMOS Corporation EC4501 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
White LED Set-up Converter
EC4501
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 10
3F27N-Rev.P001
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
‐
-0.3~6
V
VSW
VIO
Voltage at SW Pin
‐
-0.5~25
V
All Other I/O Pins
GND
‐0.3 to VDD+0.3
V
PDMAX
Power Dissipation (Note 2)
Internally Limited
W
PTR1
Thermal Resistance,SOT
‐23‐6, ΘJA
220
℃/W
Tstg
Storage Temperature
‐
-55 to 150
℃
Tsolder
Package Lead Soldering Temperature
260℃, 10s
ESD Susceptibility (Note 3)
3
kV
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
3 to 5.5
V
VSW
Output Voltage
VIN to 20
V
TOPT
Operating Temperature
‐
-40 to +85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com