Electronic Components Datasheet Search
  English  ▼

X  

EC4501 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC4501
Description  White LED Set-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4501 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC4501 Datasheet HTML 1Page - E-CMOS Corporation EC4501 Datasheet HTML 2Page - E-CMOS Corporation EC4501 Datasheet HTML 3Page - E-CMOS Corporation EC4501 Datasheet HTML 4Page - E-CMOS Corporation EC4501 Datasheet HTML 5Page - E-CMOS Corporation EC4501 Datasheet HTML 6Page - E-CMOS Corporation EC4501 Datasheet HTML 7Page - E-CMOS Corporation EC4501 Datasheet HTML 8Page - E-CMOS Corporation EC4501 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
White LED Set-up Converter
EC4501
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 10
3F27N-Rev.P001
General Description
The EC4501 is a step
‐up DC/DC converter designed for driving up to 5
white LEDs in series from a single cell Lithium Ion battery with
constant current. Because it directly regulates output current, the
EC4501 is ideal for driving light emitting diodes(LEDs)
whose light intensity is proportional to the current passing thro
ugh them, not the voltage across their terminals. A single external re
sistor sets LED current between 2mA and 20mA, which can
then be easily adjusted using either a DC voltage or a pulse
width modulated (PWM) signal up to 100KHz.Its low 104mV
feedback voltage reduces power loss and improves efficiency.
The OV pin monitors the output voltage and turns off the
converter if an over
‐voltage condition is present due to an open
circuit condition. The EC4501 is available in SOT23
‐6
packages.
Features
● Drives Up to 5 Series White LEDs from 3V
● Up to 87% Efficiency
● 1.25MHz Fixed Switching Frequency
● Low 104mV Feedback Voltage
● Open Load Shutdown
● PWM Dimming
● SOT23‐6 Packages
● RoHS compliant
Applications
● Cell Phones
● Handheld Computers and PDAs
● Digital Cameras
● Small LCD Displays


Similar Part No. - EC4501

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4503 E-CMOS-EC4503 Datasheet
775Kb / 13P
White LED Set-up Converter
EC4503ANB3R E-CMOS-EC4503ANB3R Datasheet
775Kb / 13P
White LED Set-up Converter
EC4503NNB3R E-CMOS-EC4503NNB3R Datasheet
775Kb / 13P
White LED Set-up Converter
More results

Similar Description - EC4501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
E-CMOS Corporation
EC4503 E-CMOS-EC4503 Datasheet
775Kb / 13P
White LED Set-up Converter
logo
Diodes Incorporated
AP5724 DIODES-AP5724_13 Datasheet
314Kb / 15P
WHITE LED STEP-UP CONVERTER
Rev 4
logo
First Silicon Co., Ltd
FTD8203 FS-FTD8203 Datasheet
1Mb / 13P
White LED Step-up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com