Electronic Components Datasheet Search
  English  ▼

X  

EC4512 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC4512
Description  Dummy Load for LED Bulb with Triac.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4512 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC4512 Datasheet HTML 1Page - E-CMOS Corporation EC4512 Datasheet HTML 2Page - E-CMOS Corporation EC4512 Datasheet HTML 3Page - E-CMOS Corporation EC4512 Datasheet HTML 4Page - E-CMOS Corporation EC4512 Datasheet HTML 5Page - E-CMOS Corporation EC4512 Datasheet HTML 6Page - E-CMOS Corporation EC4512 Datasheet HTML 7Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EC4512
Dummy Load for LED Bulb with Triac.
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 7
4G28N Rev. F001
GENERAL DESCRIPTION
EC4512 Dummy Load 主要是使用在 LED 燈泡上來避免傳統 Triac 調光器的缺陷造成 LED 燈發生閃爍的狀況。
FEATURES
● SOT23-6L 包裝
● 簡單的應用電路
● 內建等效 10V Zener Diode 電路, 方便 110V/220V 電源使用
APPLICATIONS
● LED Bulb
ABSOLUTE MAXIMUM RATINGS
IZ=30mA
IAUX=40mA
Phase_In 8VPP
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Continuous operation of the device at the absolute rating level
may affect device reliability.
PIN CONFIGURATION
Pin
Number
Pin
Name
Function
1
VZ
10V Zener Diode
2
Gnd
Ground
3
CAP2
Charge Capacitor
4
Phase_In
Rectifier Wave Phase Input
5
AUX
Auxiliary Load Output
6
Source
Dummy Load Output


Similar Part No. - EC4512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
White LED Step-Up Regulator
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
EC4513NNFNR E-CMOS-EC4513NNFNR Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
More results

Similar Description - EC4512

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-01R6IR1WC-600 A-BRIGHT-AL-01R6IR1WC-600 Datasheet
228Kb / 6P
LED BULB
2007/1/16
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00 Datasheet
138Kb / 2P
LED BULB
AB-153S3A-12V0-M00 A-BRIGHT-AB-153S3A-12V0-M00_15 Datasheet
138Kb / 2P
LED BULB
AB-153S4A-12V0-M00 A-BRIGHT-AB-153S4A-12V0-M00_15 Datasheet
138Kb / 2P
LED BULB
AB-153W6A-12V0-M00 A-BRIGHT-AB-153W6A-12V0-M00_15 Datasheet
136Kb / 2P
LED BULB
AB-751SW-01WA-E4C A-BRIGHT-AB-751SW-01WA-E4C_15 Datasheet
135Kb / 2P
LED BULB
AB-781SW-01WA-E40 A-BRIGHT-AB-781SW-01WA-E40_15 Datasheet
139Kb / 2P
LED BULB
AB-781W0-01WA-E40 A-BRIGHT-AB-781W0-01WA-E40_15 Datasheet
139Kb / 2P
LED BULB
logo
Glenair, Inc.
657-072 GLENAIR-657-072 Datasheet
188Kb / 1P
Dummy Receptacle for 801 Connectors
809-173 GLENAIR-809-173 Datasheet
184Kb / 1P
Dummy Receptacle for 800 Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com