Electronic Components Datasheet Search
  English  ▼

X  

EC8320 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC8320
Description  2A Low Dropout Regulator with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8320 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC8320 Datasheet HTML 7Page - E-CMOS Corporation EC8320 Datasheet HTML 8Page - E-CMOS Corporation EC8320 Datasheet HTML 9Page - E-CMOS Corporation EC8320 Datasheet HTML 10Page - E-CMOS Corporation EC8320 Datasheet HTML 11Page - E-CMOS Corporation EC8320 Datasheet HTML 12Page - E-CMOS Corporation EC8320 Datasheet HTML 13Page - E-CMOS Corporation EC8320 Datasheet HTML 14Page - E-CMOS Corporation EC8320 Datasheet HTML 15Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2A Low Dropout Regulator with Enable
EC8320
E-CMOS Corp. (www.ecmos.com.tw)
Page 11 of 16
3G18N-Rev.P001
Typical Application Circuit
Figure3:Fixed Voltage Regulator Application Circuit of EC8320A/B
Figure4:Adjustable Voltage Regulator Application Circuit of EC8320A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com