Electronic Components Datasheet Search
  English  ▼

X  

EC8320 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC8320
Description  2A Low Dropout Regulator with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8320 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC8320 Datasheet HTML 8Page - E-CMOS Corporation EC8320 Datasheet HTML 9Page - E-CMOS Corporation EC8320 Datasheet HTML 10Page - E-CMOS Corporation EC8320 Datasheet HTML 11Page - E-CMOS Corporation EC8320 Datasheet HTML 12Page - E-CMOS Corporation EC8320 Datasheet HTML 13Page - E-CMOS Corporation EC8320 Datasheet HTML 14Page - E-CMOS Corporation EC8320 Datasheet HTML 15Page - E-CMOS Corporation EC8320 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2A Low Dropout Regulator with Enable
EC8320
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 16
3G18N-Rev.P001
Function Description(Cont.)
EC8320B: A logic low signal applied to this pin shuts
down the output. Following a shutdown, a logic high
signal re-enables the output through initiation of a new
soft-start cycle. When left open, this pin is pulled up by
an internal current source (5uA typical) to turn off
operation.
Power-OK and Delay
The EC8320 indicates the status of the output voltage by
monitoring the feedback voltage (VADJ) on ADJ pin. As the
VADJ rises and reaches the rising Power-OK voltage
threshold(VTHPOK), an internal delay function starts to
work. At the end of the delay time, the IC turns off the
internal NMOS of the POK to indicate the output is ok. As
the VADJ falls and reaches the falling Power-OK voltage
threshold, the IC turns on the NMOS of the POK ( after a
debounce time of 10ms typical ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com