Electronic Components Datasheet Search
  English  ▼

X  

EC8320 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC8320
Description  2A Low Dropout Regulator with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC8320 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC8320 Datasheet HTML 1Page - E-CMOS Corporation EC8320 Datasheet HTML 2Page - E-CMOS Corporation EC8320 Datasheet HTML 3Page - E-CMOS Corporation EC8320 Datasheet HTML 4Page - E-CMOS Corporation EC8320 Datasheet HTML 5Page - E-CMOS Corporation EC8320 Datasheet HTML 6Page - E-CMOS Corporation EC8320 Datasheet HTML 7Page - E-CMOS Corporation EC8320 Datasheet HTML 8Page - E-CMOS Corporation EC8320 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2A Low Dropout Regulator with Enable
EC8320
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 16
3G18N-Rev.P001
Pin Description
Ordering Information
PIN
NAME
Description
1
PGOOD
Assert high once VO reaches 92% of its rating voltage. Open-drain output.
2
EN
Enable Input. (Active High)
3
VIN
Input voltage. Large bulk capacitance should be placed closely to this pin.
A 10µF ceramic capacitor is recommended at this pin.
4
VDD
Input voltage for controlling circuit.
5
NC
Not connected.
6
VOUT
The power output of the device. A pull low resistance exists when deactivate
device by VEN.
7
ADJ
This pin, EC8320A/B when grounded, sets the output voltage by the internal
feedback resistors.If external feedback resistors are used, the output voltage
will be VO = 0.8(R1+R2)/R2 Volts.
8
GND
Reference ground.
Part Number
Package
Marking
Marking Information
EC8320AXXMHR
SOP-8
(Exposed PAD)
8320A
XXLLL
YYWWT
1.XX: Output Voltage(Ex- 12:1.2V;AJ:ADJ)
2. LLL: Last three number of Lot No
3. YYWW: Date Code
4. T: Internal Tracking Code
EC8320BXXMHR
8320B
XXLLL
YYWWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com