Electronic Components Datasheet Search
  English  ▼

X  

TDA8939TH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8939TH Datasheet HTML 1Page - NXP Semiconductors TDA8939TH Datasheet HTML 2Page - NXP Semiconductors TDA8939TH Datasheet HTML 3Page - NXP Semiconductors TDA8939TH Datasheet HTML 4Page - NXP Semiconductors TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
Zero dead time Class-D 7.5 A power comparator
The TDA8939 is a power comparator designed for use in a high efficiency class-D audio
power amplifier system.
It contains power switches, drive logic, protection circuitry, bias circuitry and a fully
differential input stage (comparator).
This device is optimized for applications in fully digital open-loop class-D audio systems
(in combination with a digital PWM controller).
The TDA8939 power comparator operates with high efficiency and low dissipation. The
system operates over a wide supply voltage range from
±10 V up to ±30 V.
2.
Features
s Zero dead time switching
s Maximum output current 7.5 A
s Standby mode
s High efficiency
s Operating voltage from
±10 V to ±30 V (symmetrical) or 20 V to 60 V (asymmetrical)
s Low quiescent current
s High output power
s Diagnostic output
s Thermal protection, current protection and voltage protection.
3.
Applications
s Television sets
s Home-sound sets
s Multimedia systems
s All mains fed audio systems
s Car audio (boosters).
TDA8939
Zero dead time Class-D 7.5 A power comparator
Rev. 01 — 22 April 2004
Objective data sheet


Similar Part No. - TDA8939TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8931 PHILIPS-TDA8931 Datasheet
165Kb / 31P
Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8931T PHILIPS-TDA8931T Datasheet
165Kb / 31P
Power comparator 1 X 20 W
Rev. 01-14 January 2004
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8939TH

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4461 CIRRUS-CS4461 Datasheet
254Kb / 11P
Multi-Bit A/D for Class-D Real-Time PSR Feedback
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
Bridge Controller with Precision Dead Time Control
September 1, 2005
logo
Silicon Laboratories
SI824X SILABS-SI824X_11 Datasheet
423Kb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
logo
STMicroelectronics
STGIPS40W60L1 STMICROELECTRONICS-STGIPS40W60L1 Datasheet
612Kb / 21P
Dead time and interlocking function
August 2012 Rev 3
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
Programmable Dead-Time
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
Bridge Controller with Precision Dead Time Control
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com