Electronic Components Datasheet Search
  English  ▼

X  

TDA8939TH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 12Page - NXP Semiconductors TDA8939TH Datasheet HTML 13Page - NXP Semiconductors TDA8939TH Datasheet HTML 14Page - NXP Semiconductors TDA8939TH Datasheet HTML 15Page - NXP Semiconductors TDA8939TH Datasheet HTML 16Page - NXP Semiconductors TDA8939TH Datasheet HTML 17Page - NXP Semiconductors TDA8939TH Datasheet HTML 18Page - NXP Semiconductors TDA8939TH Datasheet HTML 19Page - NXP Semiconductors TDA8939TH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
16 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
17. Soldering
17.1 Introduction to soldering surface mount packages
This text gives a very brief insight to a complex technology. A more in-depth account of
soldering ICs can be found in our
Data Handbook IC26; Integrated Circuit Packages
(document order number 9398 652 90011).
There is no soldering method that is ideal for all surface mount IC packages. Wave
soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch
SMDs. In these situations reflow soldering is recommended.
17.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and
binding agent) to be applied to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement. Driven by legislation and
environmental forces the worldwide use of lead-free solder pastes is increasing.
Several methods exist for reflowing; for example, convection or convection/infrared
heating in a conveyor type oven. Throughput times (preheating, soldering and cooling)
vary between 100 and 200 seconds depending on heating method.
Typical reflow peak temperatures range from 215 to 270
°C depending on solder paste
material. The top-surface temperature of the packages should preferably be kept:
• below 225
°C (SnPb process) or below 245 °C (Pb-free process)
– for all BGA, HTSSON..T and SSOP..T packages
– for packages with a thickness
≥ 2.5 mm
– for packages with a thickness < 2.5 mm and a volume
≥ 350 mm3 so called
thick/large packages.
• below 240
°C (SnPb process) or below 260 °C (Pb-free process) for packages with a
thickness < 2.5 mm and a volume < 350 mm3 so called small/thin packages.
Moisture sensitivity precautions, as indicated on packing, must be respected at all times.
17.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices
(SMDs) or printed-circuit boards with a high component density, as solder bridging and
non-wetting can present major problems.
To overcome these problems the double-wave soldering method was specifically
developed.
If wave soldering is used the following conditions must be observed for optimal results:
• Use a double-wave soldering method comprising a turbulent wave with high upward
pressure followed by a smooth laminar wave.
• For packages with leads on two sides and a pitch (e):
– larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be
parallel to the transport direction of the printed-circuit board;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com