Electronic Components Datasheet Search
  English  ▼

X  

TDA8939TH Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 13Page - NXP Semiconductors TDA8939TH Datasheet HTML 14Page - NXP Semiconductors TDA8939TH Datasheet HTML 15Page - NXP Semiconductors TDA8939TH Datasheet HTML 16Page - NXP Semiconductors TDA8939TH Datasheet HTML 17Page - NXP Semiconductors TDA8939TH Datasheet HTML 18Page - NXP Semiconductors TDA8939TH Datasheet HTML 19Page - NXP Semiconductors TDA8939TH Datasheet HTML 20Page - NXP Semiconductors TDA8939TH Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
17 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
– smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the
transport direction of the printed-circuit board.
The footprint must incorporate solder thieves at the downstream end.
• For packages with leads on four sides, the footprint must be placed at a 45
° angle to
the transport direction of the printed-circuit board. The footprint must incorporate
solder thieves downstream and at the side corners.
During placement and before soldering, the package must be fixed with a droplet of
adhesive. The adhesive can be applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the adhesive is cured.
Typical dwell time of the leads in the wave ranges from 3 to 4 seconds at 250
°C or
265
°C, depending on solder material applied, SnPb or Pb-free respectively.
A mildly-activated flux will eliminate the need for removal of corrosive residues in most
applications.
17.4 Manual soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage
(24 V or less) soldering iron applied to the flat part of the lead. Contact time must be
limited to 10 seconds at up to 300
°C.
When using a dedicated tool, all other leads can be soldered in one operation within
2 to 5 seconds between 270 and 320
°C.
17.5 Package related soldering information
[1]
For more detailed information on the BGA packages refer to the
(LF)BGA Application Note (AN01026);
order a copy from your Philips Semiconductors sales office.
[2]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the
maximum temperature (with respect to time) and body size of the package, there is a risk that internal or
external package cracks may occur due to vaporization of the moisture in them (the so called popcorn
effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated Circuit
Packages; Section: Packing Methods.
[3]
These transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no
account be processed through more than one soldering cycle or subjected to infrared reflow soldering with
peak temperature exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow oven. The package
body peak temperature must be kept as low as possible.
Table 12:
Suitability of surface mount IC packages for wave and reflow soldering methods
Package [1]
Soldering method
Wave
Reflow [2]
BGA, HTSSON..T [3], LBGA, LFBGA, SQFP,
SSOP..T [3], TFBGA, USON, VFBGA
not suitable
suitable
DHVQFN, HBCC, HBGA, HLQFP, HSO, HSOP,
HSQFP, HSSON, HTQFP, HTSSOP, HVQFN,
HVSON, SMS
not suitable [4]
suitable
PLCC [5], SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended [5] [6]
suitable
SSOP, TSSOP, VSO, VSSOP
not recommended [7]
suitable
CWQCCN..L [8], PMFP [9], WQCCN..L [8]
not suitable
not suitable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com