Electronic Components Datasheet Search
  English  ▼

X  

TMS44100 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS44100
Description  4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS44100 Datasheet HTML 4Page - Texas Instruments TMS44100 Datasheet HTML 5Page - Texas Instruments TMS44100 Datasheet HTML 6Page - Texas Instruments TMS44100 Datasheet HTML 7Page - Texas Instruments TMS44100 Datasheet HTML 8Page - Texas Instruments TMS44100 Datasheet HTML 9Page - Texas Instruments TMS44100 Datasheet HTML 10Page - Texas Instruments TMS44100 Datasheet HTML 11Page - Texas Instruments TMS44100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TMS44100, TMS44100P, TMS46100, TMS46100P
4194304-WORD BY 1-BIT
DYNAMIC RANDOM-ACCESS MEMORIES
SMHS561A – MARCH 1995 – REVISED JUNE 1995
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 6)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A10
5
pF
Ci(RC)
Input capacitance, CAS and RAS
7
pF
Ci(W)
Input capacitance, W
7
pF
Co
Output capacitance
7
pF
NOTE 6: VCC = 5 V ± .5 V for the TMS44100 devices, VCC = 3.3 V ± 0.3 V for the TMS46100 devices, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’4x100 - 60
’4x100P - 60
’4x100 - 70
’4x100P - 70
’4x100 - 80
’4x100P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tCPA
Access time from column precharge
35
40
45
ns
tRAC
Access time from RAS low
60
70
80
ns
tCLZ
CAS to output in low impedance
0
0
0
ns
tOFF
Output disable time after CAS high (see Note 7)
0
15
0
18
0
20
ns
NOTE 7: tOFF is specified when the output is no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com