Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49016 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC49016 Datasheet HTML 1Page - E-CMOS Corporation EC49016 Datasheet HTML 2Page - E-CMOS Corporation EC49016 Datasheet HTML 3Page - E-CMOS Corporation EC49016 Datasheet HTML 4Page - E-CMOS Corporation EC49016 Datasheet HTML 5Page - E-CMOS Corporation EC49016 Datasheet HTML 6Page - E-CMOS Corporation EC49016 Datasheet HTML 7Page - E-CMOS Corporation EC49016 Datasheet HTML 8Page - E-CMOS Corporation EC49016 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 10
5F04N Rev. F002
EC49016
Ordering Information
Absolute Maximum Rating
(1)
Parameter
Symbol
Value
Units
Input Supply Voltage
VCC
7
V
PROG Voltage
VPROG
VCC+0.3
V
BAT Voltage
VBAT
7
V
CHRG Voltage
VCHRG
7
V
BAT Short-Circuit Duration
—
Continuous
—
Thermal Resistance, Junction-to-Ambient
Θ
JA
250
°C/W
BAT Pin Current
IBAT
800
mA
PROG Pin Current
IPROG
800
µA
Maximum Junction Temperature
TJ
125
°C
Storage Temperature
TS
-65 to +125
°C
Lead Temperature (Soldering, 10 sec)
—
300
°C
Recommended Operating Conditions (2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN
-0.3 to +7
V
Junction Temperature
TJ
-40 to +85
°C
Package
Part Number
Marking
Marking Information
SOT-23-5L
EC49016B2-F
016b
Starting with 6, a bar on top of 6 is for production
year 2005, and underlined 6 is for year 2006. The
naming
pattern
continues
with
consecutive
characters for later years.
The last character is the week code. (A-Z: 1-26, a-z:
27-52)
A dot on top right corner is for lead-free process.
EC49016X - F
Package: B2 = SOT-23-5L
F: Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com