Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49016 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49016 Datasheet HTML 1Page - E-CMOS Corporation EC49016 Datasheet HTML 2Page - E-CMOS Corporation EC49016 Datasheet HTML 3Page - E-CMOS Corporation EC49016 Datasheet HTML 4Page - E-CMOS Corporation EC49016 Datasheet HTML 5Page - E-CMOS Corporation EC49016 Datasheet HTML 6Page - E-CMOS Corporation EC49016 Datasheet HTML 7Page - E-CMOS Corporation EC49016 Datasheet HTML 8Page - E-CMOS Corporation EC49016 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 10
5F04N Rev. F002
EC49016
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IPROG
PROG Pin Pull-Up Current
—
1
—
µA
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: Supply current includes PROG pin current (approximately 100µA) but does not include any current delivered to the
battery through the BAT pin (approximately 100mA).
Note 4: ITERM is expressed as a fraction of measured full charge current with indicated PROG resistor.
Pin Functions
Pin
Pin Function Description
Pin
Pin Function Description
VCC
Positive
Input
Supply
Voltage.
Provides Power to charger. VCC can
range from 3.5 to 6.5V and should be
bypassed
With
at
least
a
1uF
capacitor.
CHRG
Open-Drain Charge Status Output. When the battery is
charging, the CHRG pin is pulled low by an internal N-channel
MOSFET. When the charge cycle is completed, a weak
pull-down of approximately 20uA is connected to the CHRG pin,
indicating an “AC present” condition.
GND
Ground
PROG
Charge
Current
Program,
Charge
Current
Monitor
and
shutdown pin
BAT
Charge
Current
Output.
Provides
charge current to the battery and
regulates the final float voltage to
4.22V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com