Electronic Components Datasheet Search
  English  ▼

X  

EC49016 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49016 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49016 Datasheet HTML 1Page - E-CMOS Corporation EC49016 Datasheet HTML 2Page - E-CMOS Corporation EC49016 Datasheet HTML 3Page - E-CMOS Corporation EC49016 Datasheet HTML 4Page - E-CMOS Corporation EC49016 Datasheet HTML 5Page - E-CMOS Corporation EC49016 Datasheet HTML 6Page - E-CMOS Corporation EC49016 Datasheet HTML 7Page - E-CMOS Corporation EC49016 Datasheet HTML 8Page - E-CMOS Corporation EC49016 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 10
5F04N Rev. F002
EC49016
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Supply Voltage
3.5
—
6
V
Charge Mode
(3), R
PROG = 10k
—
110
500
µA
Standby Mode (Charge Terminated)
—
70
—
µA
ICC
Input Supply Current
Shutdown Mode(RPROG
Not Connected,
VCC < VBAT, or VCC < VUV)
—
20
40
µA
VFLOAT
Regulated Output (Float) Voltage
IBAT = 30mA, ICHRG = 5mA
4.15
4.22
4.3
V
RPROG = 10k, Current Mode
90
110
130
mA
RPROG = 2k, Current Mode
—
500
—
mA
Standby Mode, VBAT = 4.2V
0
+/-1
+/-5
µA
Shutdown Mode
(RPROG Not Connected)
—
+/-0.5
+/-5
µA
IBAT
BAT Pin Current
Sleep Mode, VCC = 0V
—
+/-1
+/-5
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
—
10
—
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBAT Rising
2.8
2.9
3.0
V
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VUV
VCC Undervoltage Lockout Threshold
From VCC Low to High
—
3.4
—
V
VUVHYS
VCC Undervoltage Lockout Hysteresis
—
100
—
mV
PROG Pin Rising
—
1.25
—
V
VMSD
Manual Shutdown Threshold Voltage
PROG Pin Falling
—
1.2
—
V
VCC from Low to High
—
100
—
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from High to Low
—
30
—
mV
RPROG = 10k
(4)
—
10
—
mA
ITERM
C/10 Termination Current Threshold
RPROG = 2k
—
50
—
mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.9
1.03
1.1
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 3V
—
15
—
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
—
0.6
—
V
ΔVRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
—
100
—
mV
TLIM
Thermal Protection Temperature
—
120
—
°C
tSS
Soft-Start Time
IBAT = 0 to 1000V/RPROG
—
100
—
µs
tRECHARGE
Recharge Comparator Filter Time
VBAT High to Low
—
1
—
ms
tTERM
Termination Comparator Filter Time
IBAT Falling Below ICHG/10
—
1000
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com