Electronic Components Datasheet Search
  English  ▼

X  

EC49017 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC49017
Description  Standalone Linear Lithium Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49017 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC49017 Datasheet HTML 1Page - E-CMOS Corporation EC49017 Datasheet HTML 2Page - E-CMOS Corporation EC49017 Datasheet HTML 3Page - E-CMOS Corporation EC49017 Datasheet HTML 4Page - E-CMOS Corporation EC49017 Datasheet HTML 5Page - E-CMOS Corporation EC49017 Datasheet HTML 6Page - E-CMOS Corporation EC49017 Datasheet HTML 7Page - E-CMOS Corporation EC49017 Datasheet HTML 8Page - E-CMOS Corporation EC49017 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 11
3H20N Rev. P001
EC49017
General Description
EC49017
is
a
complete
constant-current
&
constant voltage linear charger for single cell lithium-ion
and Lithium-Polymer batteries. Its SOT23 package and
low external component count make EC49017 ideally
suited for portable applications. Furthermore, the
EC49017 is specifically designed to work within USB
power specification.
At the same time, EC49017 can
also be used in the standalone lithium-ion and
Lithium-polymer battery chargers.
No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture.
Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature.
The charge
voltage is fixed at 4.22V, and the charge current can be
programmed externally with a single resistor.The
EC49017 automatically terminates the charge cycle
when
the
charge
current
drops
to
1/10
th
the
programmed value after the final float voltage is
reached.
When the input supply (wall adapter or USB
supply) is removed, the EC49017 automatically enters a
low current stage, dropping the battery drain current to
less than 2uA.
The EC49017 can be put into
shutdown mode, reducing the supply current to 20uA.
Other features include charge current monitor,
undervoltage lockout, automatic recharge and a status
pin to indicate charge termination and the presence of
an input voltage. EC49017 is intentionally designed to
have slightly negative Tempco. This provides extra
protection to Lithium battery during charging.
Features
Programmable Charge Current Up to 800mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation with
Thermal Protection to Maximize Charge Rate
without Risk of Overheating
Charges Single Cell Li-ion Batteries Directly from
USB Port
Preset 4.22V Charge Voltage with ±1% Accuracy
20
μ A Supply Current in Shutdown
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Available in 6-Lead SOT23 and SOP-8(Exposed
PAD) Packages
RoHS Compliant and 100% Lead Pb free
Applications
Cellular Telephones, PDA, MP3 Players
Charging Docks and Cradles
Bluetooth Applications
Pin Configuration
Application Diagram


Similar Part No. - EC49017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC49016 ETC2-EC49016 Datasheet
175Kb / 8P
Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016 E-CMOS-EC49016 Datasheet
195Kb / 10P
Standalone Linear Lithium Battery Charger
logo
List of Unclassifed Man...
EC49016B2-F ETC2-EC49016B2-F Datasheet
175Kb / 8P
Standalone Linear Lithium Battery Charger
logo
E-CMOS Corporation
EC49016B2-F E-CMOS-EC49016B2-F Datasheet
195Kb / 10P
Standalone Linear Lithium Battery Charger
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
1A, Single Cell Linear Lithium Battery Charger
More results

Similar Description - EC49017

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9016 SEAWARD-SE9016 Datasheet
312Kb / 8P
Standalone Linear Lithium Battery Charger
SE9020C SEAWARD-SE9020C Datasheet
310Kb / 8P
Standalone Linear Lithium Battery Charger
SE9017 SEAWARD-SE9017 Datasheet
408Kb / 11P
Standalone Linear Lithium Battery Charger
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
Standalone Linear Lithium Battery Charger
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
Standalone Linear Lithium Battery Charger
SE9021 SEAWARD-SE9021 Datasheet
368Kb / 8P
Standalone Linear Lithium Battery Charger
SE9022 SEAWARD-SE9022 Datasheet
353Kb / 7P
Standalone Linear Lithium Battery Charger
logo
List of Unclassifed Man...
EC49016 ETC2-EC49016 Datasheet
175Kb / 8P
Standalone Linear Lithium Battery Charger
logo
SHOUDING Shouding Semic...
SD8017 SHOUDING-SD8017 Datasheet
1Mb / 9P
Standalone Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com