Electronic Components Datasheet Search
  English  ▼

X  

EC49017 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49017
Description  Standalone Linear Lithium Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49017 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49017 Datasheet HTML 1Page - E-CMOS Corporation EC49017 Datasheet HTML 2Page - E-CMOS Corporation EC49017 Datasheet HTML 3Page - E-CMOS Corporation EC49017 Datasheet HTML 4Page - E-CMOS Corporation EC49017 Datasheet HTML 5Page - E-CMOS Corporation EC49017 Datasheet HTML 6Page - E-CMOS Corporation EC49017 Datasheet HTML 7Page - E-CMOS Corporation EC49017 Datasheet HTML 8Page - E-CMOS Corporation EC49017 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 11
3H20N Rev. P001
EC49017
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN
-0.3 to +7
V
Junction Temperature
TJ
-40 to +85
°C
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Input Supply Voltage
3.5
—
6
V
ICC
Input Supply Current
Charge Mode
(3), R
PROG = 10k
—
110
500
µA
Standby Mode (Charge Terminated)
—
70
—
µA
Shutdown Mode(RPROG
Not Connected,
VCC < VBAT, or VCC < VUV)
—
20
40
µA
VFLOAT
Regulated Output (Float)
Voltage
IBAT = 30mA, ICHRG = 5mA
4.15
4.22
4.3
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
90
106
130
mA
RPROG = 2k, Current Mode
—
530
—
mA
Standby Mode, VBAT = 4.2V
0
+/-1
+/-5
µA
Shutdown Mode
(RPROG Not Connected)
—
+/-0.5
+/-5
µA
Sleep Mode, VCC = 0V
—
+/-1
+/-5
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
—
10
—
mA
VTRIKL
Trickle Charge Threshold
Voltage
RPROG = 10k, VBAT Rising
2.8
2.9
3.0
V
VUV
VCC Undervoltage
Lockout Threshold
From VCC Low to High
—
3.4
—
V
VUVHYS
VCC Undervoltage
Lockout Hysteresis
—
100
—
mV
VMSD
Manual Shutdown
Threshold Voltage
PROG Pin Rising
—
1.25
—
V
PROG Pin Falling
—
1.2
—
V
VASD
VCC – VBAT Lockout
Threshold Voltage
VCC from Low to High
—
100
—
mV
VCC from High to Low
—
30
—
mV
ITERM
C/10 Termination Current
Threshold
RPROG = 10k
(4)
—
10.5
—
mA
RPROG = 2k
—
52
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com