Electronic Components Datasheet Search
  English  ▼

X  

EC49017 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49017
Description  Standalone Linear Lithium Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49017 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49017 Datasheet HTML 1Page - E-CMOS Corporation EC49017 Datasheet HTML 2Page - E-CMOS Corporation EC49017 Datasheet HTML 3Page - E-CMOS Corporation EC49017 Datasheet HTML 4Page - E-CMOS Corporation EC49017 Datasheet HTML 5Page - E-CMOS Corporation EC49017 Datasheet HTML 6Page - E-CMOS Corporation EC49017 Datasheet HTML 7Page - E-CMOS Corporation EC49017 Datasheet HTML 8Page - E-CMOS Corporation EC49017 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 11
3H20N Rev. P001
EC49017
Electrical Characteristics
VIN = 5V; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.9
1.03
1.1
V
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
—
0.6
—
V
Δ V
RECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
—
100
—
mV
TLIM
Thermal Protection Temperature
—
120
—
°C
tSS
Soft-Start Time
IBAT = 0 to 1000V/RPROG
—
100
—
µs
tRECHARGE
Recharge Comparator Filter Time
VBAT High to Low
—
1
—
ms
tTERM
Termination Comparator Filter Time
IBAT Falling Below ICHG/10
—
1000
—
µs
IPROG
PROG Pin Pull-Up Current
—
1
—
µA
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: Supply current includes PROG pin current (approximately 100µA) but does not include any current delivered to the
battery through the BAT pin (approximately 100mA).
Note 4: ITERM is expressed as a fraction of measured full charge current with indicated PROG resistor.
Pin Functions
Pin
Pin Function Description
Pin
Pin Function Description
VCC
Positive Input Supply Voltage. Provides
Power to charger. VCC can range from
3.5 to 6.5V and should be bypassed With
at least a 1uF capacitor.
CHRG
Open-Drain Charge Status Output. When the battery is
charging, the CHRG pin is pulled low by an internal
N-channel MOSFET. When the charge cycle is completed, a
weak pull-down of approximately 20uA is connected to the
CHRG pin, indicating an
“AC present” condition.
GND
Ground
PROG
Charge Current Program, Charge Current Monitor and
shutdown pin
BAT
Charge Current Output. Provides charge
current to the battery and regulates the
final float voltage to 4.22V
CHRGT
Open-Drain Charge Termination Status Output. When
the battery is charging, the CHRGT pin is pulled high
by an external
compenent such as an LED. After
the charging is completed, this pin is pulled low by
internal N-channel MOSFET and it can be used as a
charging termination indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com