Electronic Components Datasheet Search
  English  ▼

X  

XRT4500 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT4500
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500 Datasheet(HTML) 3 Page - Exar Corporation

  XRT4500 Datasheet HTML 1Page - Exar Corporation XRT4500 Datasheet HTML 2Page - Exar Corporation XRT4500 Datasheet HTML 3Page - Exar Corporation XRT4500 Datasheet HTML 4Page - Exar Corporation XRT4500 Datasheet HTML 5Page - Exar Corporation XRT4500 Datasheet HTML 6Page - Exar Corporation XRT4500 Datasheet HTML 7Page - Exar Corporation XRT4500 Datasheet HTML 8Page - Exar Corporation XRT4500 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
3
PIN OUT OF THE DEVICE
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT4500CV
80 Pin TQFP
0
°C to +70°C
XRT4500
80 Lead TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
VDD
TX8O
LP
TX8D
VPP
TX5D
GND
TX5B
TX5A
TX4A
TX4B
VDD
TX4D
BIAS
M2
M1
M0
GND
VDD
RX1D
TX1D
GND
VDD
GND
VSS
DTINV
CKINV
OSCEN
SR_OUT
VDD
2CK/3CK
REG_CLK
EN_OUT
VDD
E-232
CLKFS
LATCH
GND
I_SENSE
V_SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com