Electronic Components Datasheet Search
  English  ▼

X  

XRT4500 Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT4500
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500 Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT4500 Datasheet HTML 45Page - Exar Corporation XRT4500 Datasheet HTML 46Page - Exar Corporation XRT4500 Datasheet HTML 47Page - Exar Corporation XRT4500 Datasheet HTML 48Page - Exar Corporation XRT4500 Datasheet HTML 49Page - Exar Corporation XRT4500 Datasheet HTML 50Page - Exar Corporation XRT4500 Datasheet HTML 51Page - Exar Corporation XRT4500 Datasheet HTML 52Page - Exar Corporation XRT4500 Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
46
The DTE Terminal
The DTE Terminal is responsible for sourcing/gener-
ating all of the following signals.
• TXD - Transmit Data
• TXCE (or SCTE) - Transmit Clock Echo
• DTR - Data Terminal Ready
• RTS - Request to Send
• LL - Local Loop-back Indicator
• RL - Remote Loop-back Indicator
Further, the DTE Terminal is responsible for receiv-
ing/terminating all of the following signals.
• RXD - Receive Data
• TXC - Transmit Clock
• RXC - Receive Clock
• DSR - Data Set Ready
• DCD - Data Carrier Detect
• CTS - Clear-to-Send
• RI (Ring Indicator)
• TM (Test Mode Indicator).
Because of this, whenever the XRT4500 is configured
to operate in the “DTE” Mode, then the following con-
figuration conditions are “TRUE”.
• Two “high-speed” Transmitters are enabled, and
• Three “high-speed” Receivers are enabled.
• Four “low-speed” Transmitters are enabled, and
• Four “low-speed” Receivers are enabled.
Other Comments about DCE and DTE Equipment
Whenever DCE and DTE Equipment are interfaced to
each other, the DCE Equipment is typically the
source of all timing signals. The DTE Equipment will
typically function as a “Clock Slave”.
1.3.3
The LP - Loop-Back Enable/Disable
Select Pin
As mentioned earlier, the XRT4500 can be configured
to operate in the loop-back mode. Setting the “LP” in-
put pin “high” disables the loop-back mode (within the
XRT4500). Conversely, setting this input “low” config-
ures the XRT4500 to operate in the “TXD/RXD” loop-
back mode.
A detailed description of the “TXD/RXD” loop-back
Mode is presented below.
Behavior of DTE/DCE Mode Devices, when the
Loop-Back Mode is Disabled
Figure 17 presents an illustration of a DTE and DCE
Terminal interfaced to each other when no XRT4500
Loop-Back Mode has een configured.
FIGURE 17. ILLUSTRATION OF BOTH THE DTE AND DCE MODE XRT4500 OPERATING, WHEN THE LOOP-BACK
MODE IS DISABLED
DTE (#2)
SCC (L)
XRT4500
XRT4500
RX1
TX1
RX2
TX2
RX3
TX3
RX2
TX2
RX1
TX1
RXD
RXC
TXC
SCTE_IN
TXD_IN
TXD
SCTE
TXC_IN
RXC_IN
RXD_IN
60
67
73
74
1
78
79
77
76
70
71
64
65
63
62
1
74
68
67
60
63
62
64
65
70
71
77
76
78
79
TXD
TXC
RXC
RXD
SCC (R)
DTE (#1)*
SCTE
* Indicates scenario # from Table 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com