Electronic Components Datasheet Search
  English  ▼

X  

XRT4500 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT4500
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT4500 Datasheet HTML 3Page - Exar Corporation XRT4500 Datasheet HTML 4Page - Exar Corporation XRT4500 Datasheet HTML 5Page - Exar Corporation XRT4500 Datasheet HTML 6Page - Exar Corporation XRT4500 Datasheet HTML 7Page - Exar Corporation XRT4500 Datasheet HTML 8Page - Exar Corporation XRT4500 Datasheet HTML 9Page - Exar Corporation XRT4500 Datasheet HTML 10Page - Exar Corporation XRT4500 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
4
PIN DESCRIPTIONS
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
1
RX1D
D_RXD
D_TXD
O
Receiver 1 Digital Output – Digital Data Output to terminal
equipment
This output pin is the digital (TTL/CMOS level) representation of
the line signal that has been received via the RX1A (pin 78) and
RX1B (pin 79) input pins.
The exact role that this pin plays depends upon whether the
XRT4500 is operating in the DCE or DTE Mode.
DCE Mode – TXD Digital Output Signal
This output pin functions as the TXD Digital Output signal (which
should be input to the Terminal Equipment).
DTE Mode – RXD Digital Output Signal
This output pin functions as the RXD Digital Output signal (which
should be input to the Terminal Equipment).
2VDD
Analog VDD for Receiver 1, 2, 3
3GND
I
Analog GND for Receiver 1, 2, 3 and Transmitter 3
4M0
I
Mode Control – Mode Select Input 0
This input pin, along with M1 and M2 are used to configure the
XRT4500 to operate in the desired “Communication Interface”
Mode. Table 3 and Table 4 present the relationship between
the states of the M2, M1 and M0 input pins and the correspond-
ing communication interface modes selected.
This input pin (along with M1 and M2) is internally latched into
the XRT4500, upon the rising edge of the “LATCH” signal. At this
point, changes in this input pin will not effect the “internally
latched” state of this pin.
This input pin contains an Internal 20K
Ω pull-up to VDD.
5M1
I
Mode Control – Mode Select Input 1
This input pin, along with M0 and M2 are used to configure the
XRT4500 to operate in the desired “Communication Interface”
Mode. Table 3 and Table 4 present the relationship between the
states of the M2, M1 and M0 input pins and the corresponding
communication interface modes selected.
This input pin (along with M0 and M2) is internally latched into the
XRT4500 device, upon the rising edge of the “LATCH” signal. At
this point, changes in this input pin will not effect the “internally
latched” state of this pin.
This input pin contains an Internal 20K
Ω pull-up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com