Electronic Components Datasheet Search
  English  ▼

X  

AD9642 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9642 Datasheet HTML 11Page - Analog Devices AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices AD9642 Datasheet HTML 16Page - Analog Devices AD9642 Datasheet HTML 17Page - Analog Devices AD9642 Datasheet HTML 18Page - Analog Devices AD9642 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD9642
Data Sheet
0
–140
0
25
50
75
100
125
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
250MSPS
90.1MHz @ –1dBFS
SNR = 71dB (72dBFS)
SFDR = 89dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 28. AD9642-250 Single-Tone FFT with fIN = 90.1 MHz
0
–140
0
25
50
75
100
125
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
250MSPS
185.1MHz @ –1dBFS
SNR = 70.4dB (71.4dBFS)
SFDR = 86dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 29. AD9642-250 Single-Tone FFT with fIN = 185.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
SECOND HARMONIC
THIRD HARMONIC
250MSPS
220.1MHz @ 1.0dBFS
SNR = 69.9dB (70.9dBFS)
SFDR = 91dBc
Figure 30. AD9642-250 Single-Tone FFT with fIN = 220.1 MHz
0
–140
0
25
50
75
100
125
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
250MSPS
305.1MHz @ –1dBFS
SNR = 68.5dB (69.5dBFS)
SFDR = 82dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 31. AD9642-250 Single-Tone FFT with fIN = 305.1 MHz
120
100
80
60
40
20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 32. AD9642-250 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz, fS = 250 MSPS
100
95
90
85
80
75
70
65
60
FREQUENCY (MHz)
SFDR (dBFS)
SNR (dBc)
Figure 33. AD9642-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 250 MSPS
Rev. B | Page 14 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com