Electronic Components Datasheet Search
  English  ▼

X  

EC49124 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC49124
Description  500mA Super LDO Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49124 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC49124 Datasheet HTML 1Page - E-CMOS Corporation EC49124 Datasheet HTML 2Page - E-CMOS Corporation EC49124 Datasheet HTML 3Page - E-CMOS Corporation EC49124 Datasheet HTML 4Page - E-CMOS Corporation EC49124 Datasheet HTML 5Page - E-CMOS Corporation EC49124 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC49124
500mA Super LDO Linear Regulator
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4I05N-Rev.F001
DESCRIPTIONS
The EC49124 is an efficient linear voltage regulator. It has extra low dropout voltage. At light loads the typical dropout
voltage is 15mV, at full load the typical dropout voltage is 800mV. The output voltage accuracy is better than 2%.
The EC49124 has low ground current at 65uA, so it can help prolong battery life. The EC49124 is specially designed for
hand-held, battery-powered devices.
FEATURE
■ Typical 175mV dropout voltage at 150mA.
■ Low Ground current at 65uA. (Typ.)
■ Guaranteed 500mA output over the full operating temperature range.
■ Extremely tight load and line regulation.
■ Low temperature coefficient.
■ Current and thermal limiting.
■ No-load stability.
■ Standard SOT-89-3L package.
APPLICATION
■ Active SCSI terminators.
■ Post regulators for switching supplies.
■ Battery chargers.
■ High-efficiency linear power supplies.
■ Computer motherboard, display, graphic card
■DC/DC converter, such as 5V to 3.3V, 3.3V to 2.8V or 3.3V to 2.5V.
ORDERING INFORMATION
EC49124-XX-XX X X
B6:SOT89-3L
Pin type: PIN (1=>3)
G: OUT/GND/IN
N: GND/IN/OUT
1
.
G
:
O
U
T
/
G
N
Output voltage:
1.5V=15
1.8V=18
2.5V=25
2.8V=28
3.0V=30
3.3V=33
3.4V=34
R:Tape & Reel


Similar Part No. - EC49124

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
600mA LDO with Fast Enable And Fast Discharge Function
EC49121-XXNHFB21G E-CMOS-EC49121-XXNHFB21G Datasheet
794Kb / 13P
600mA LDO with Fast Enable And Fast Discharge Function
EC49121-XXNHFC1G E-CMOS-EC49121-XXNHFC1G Datasheet
794Kb / 13P
600mA LDO with Fast Enable And Fast Discharge Function
EC49121-XXNHFT21G E-CMOS-EC49121-XXNHFT21G Datasheet
794Kb / 13P
600mA LDO with Fast Enable And Fast Discharge Function
More results

Similar Description - EC49124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
400mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
500mA CMOS LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
600mA Super LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902D MAXIM-MAX38902D Datasheet
451Kb / 13P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com