Electronic Components Datasheet Search
  English  ▼

X  

EC49124 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49124
Description  500mA Super LDO Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49124 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49124 Datasheet HTML 1Page - E-CMOS Corporation EC49124 Datasheet HTML 2Page - E-CMOS Corporation EC49124 Datasheet HTML 3Page - E-CMOS Corporation EC49124 Datasheet HTML 4Page - E-CMOS Corporation EC49124 Datasheet HTML 5Page - E-CMOS Corporation EC49124 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EC49124
500mA Super LDO Linear Regulator
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 6
4I05N-Rev.F001
Application Hints
Like any Low dropout regulator, EC49124 requires external capacitors to ensure stability. The external capacitors must
be carefully selected to ensure the performances.
Input Capacitor:
An Input Capacitor of at least 2.2uF is required. The inexpensive Electrolytic capacitor is preferred. The value can be
increased without upper limit.
Output Capacitor:
An Output Capacitor is required for look stability. It must be located no more than 1cm away from the VOUT pin, and
connected directly between VOUT and GND pins. The inexpensive Electrolytic capacitor is recommended. The minimum
value is 2.2uF but once again its value can be increased without limit.
Thermal Consideration
It is important that the thermal limit of the package should not be exceeded. The EC49124 has built-in thermal protection.
When the thermal limit is exceeded, the IC will enter protection, and the VOUT will be reset to zero. The power
dissipation for a given application can be calculated as follows:
The Power Dissipation (PD) is
PD = IOUT * [VIN
– VOUT]
The thermal limit of the package is then limited to PD(MAX) = [TJ
– TA]/ θJA where TJ is the junction temperature, TA is
ambient temperature, and θJA is around 180°C/W for EC49124. EC49124 is designed to enter thermal protection at
150°C. For example, if TA is 25°C then the max PD is limited to about 0.7W.
In other words, if IOUT(MAX) = 500mA, then [VIN
–VOUT] can not exceed 1.4V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com