Electronic Components Datasheet Search
  English  ▼

X  

EC49124 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49124
Description  500mA Super LDO Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49124 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49124 Datasheet HTML 1Page - E-CMOS Corporation EC49124 Datasheet HTML 2Page - E-CMOS Corporation EC49124 Datasheet HTML 3Page - E-CMOS Corporation EC49124 Datasheet HTML 4Page - E-CMOS Corporation EC49124 Datasheet HTML 5Page - E-CMOS Corporation EC49124 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC49124
500mA Super LDO Linear Regulator
C
o
n
v
e
r
t
e
r
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4I05N-Rev.F001
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
Accuracy
EC49124-1.5V(VIN=3.3V)
EC49124-1.8V(VIN=3.3V)
EC49124-2.5V
EC49124-2.8V
EC49124-3.0V
EC49124-3.3V
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
ΔVOUT /ΔT
Output Voltage
Temperature Coefficient
Note 4
--
50
--
ppm/℃
ΔVOUT / VOUT
Line Regulation
VIN = VOUT + 1V to 5.5V
--
1
--
%
ΔVOUT / VOUT
Load Regulation
(5)
IOUT =10mA to 250mA
(5)
--
1
--
%
IOUT =10mA to 400mA
(5)
--
1.5
--
VIN - VOUT
Dropout Voltage
(6)
IOUT =10mA
--
15
--
mV
IOUT =150mA
--
175
--
IOUT =250mA
--
320
--
IOUT =500mA
--
800
--
TPROTECTION
Thermal Protection
Thermal Protection
Temperature
--
150
--
℃
Protection Hysterisys
--
20
--
℃
PSRR
Ripple Rejection
f =120Hz
--
51
--
dB
IGROUND
Ground Current
IOUT =10mA
--
65
--
uA
ILIMIT
Current Limit
VOUT =0V
--
700
--
mA
Electrical Characteristics
VIN = 5V; CIN
= 2.2μF; COUT = 2.2μF(Electrolytic capacitor); IOUT = 10mA; TJ = 25°C; unless otherwise noted.
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using:
PD(MAX) = (TJ(MAX)- TA)/
θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature,
and theregulator will go into thermal shutdown. See Table 1 and the “Thermal Considerations” section for details.
Note 4: Output voltage temperature coefficient is the worst-case voltage change divided by the total temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 100
μA to 500mA. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
Note 7: The Cin or Cout should be chosen carefully. Please refer to the Application Hints



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com