Electronic Components Datasheet Search
  English  ▼

X  

AD5171 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5171 Datasheet HTML 8Page - Analog Devices AD5171 Datasheet HTML 9Page - Analog Devices AD5171 Datasheet HTML 10Page - Analog Devices AD5171 Datasheet HTML 11Page - Analog Devices AD5171 Datasheet HTML 12Page - Analog Devices AD5171 Datasheet HTML 13Page - Analog Devices AD5171 Datasheet HTML 14Page - Analog Devices AD5171 Datasheet HTML 15Page - Analog Devices AD5171 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5171
Table 5. RWB vs. Codes; RAB = 10 kΩ and
the A Terminal Is Opened
D (Dec)
RWB (Ω)
Output State
63
10060
Full-Scale (RAB + RW)
32
5139
Midscale
1
219
1 LSB
0
60
Zero-Scale (Wiper Contact Resistance)
Since a finite wiper resistance of 60 Ω is present in the zero-
scale condition, care should be taken to limit the current flow
between W and B in this state to a maximum pulse current of
no more than 20 mA. Otherwise, degradation or possible
destruction of the internal switch contact can occur.
Similar to the mechanical potentiometer, the resistance of the
RDAC between the wiper W and terminal A also produces a
complementary resistance RWA. When these terminals are used,
the B terminal can be opened or shorted to W. Setting the
resistance value for RWA starts at a maximum value of resistance
and decreases as the data loaded in the latch increases in value.
The general equation for this operation is
W
R
AB
R
D
D
WA
R
+
×
−
=
63
63
)
(
(2)
D
Table 6. RWA vs. Codes; RAB =10 kΩ and
B Terminal Is Opened
D (Dec)
RWA (Ω)
Output State
63
60
Full-Scale
32
4980
Midscale
1
9901
1 LSB
0
10060
Zero-Scale
The typical distribution of the resistance tolerance from device
to device is process lot dependent, and it is possible to have
±30% tolerance.
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
A
W
B
Figure 26. AD5171 Equivalent RDAC Circuit
Potentiometer Mode Operation
If all three terminals are used, the operation is called the
potentiometer mode. The most common configuration is the
voltage divider operation (Figure 27).
A
VI
W
B
VO
Figure 27. Potentiometer Mode Configuration
Ignoring the effect of the wiper resistance, the transfer function
is simply
A
W
V
D
D
V
63
)
(
=
(3)
A more accurate calculation, which includes the wiper
resistance effect, yields
A
W
W
AB
W
V
R
R
R
D
V
2
R
63
)
(
AB +
+
=
(4)
Unlike in rheostat mode operation where the absolute tolerance
is high, potentiometer mode operation yields an almost ratio-
metric function of D/63 with a relatively small error contributed
by the RW terms, and therefore the tolerance effect is almost
cancelled. Although the thin film step resistor RS and CMOS
switches resistance RW have very different temperature coefficients,
the ratio-metric adjustment also reduces the overall temperature
coefficient effect to 5 ppm/oC, except at low value codes where RW
dominates.
Potentiometer mode operations include others such as op amp
input, feedback resistor networks, and other voltage scaling
applications. A, W, and B terminals can in fact be input or output
terminals provided that |VAB|, |VWA|, and |VWB| do not exceed
VDD to GND.
ESD PROTECTION
Digital inputs SDA and SCL are protected with a series input
resistor and parallel Zener ESD structures (Figure 28).
LOGIC
340
Ω
Figure 28. ESD Protection of Digital Pins
Rev. PrC | Page 12 of 20
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com