Electronic Components Datasheet Search
  English  ▼

X  

AD5171 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5171
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5171 Datasheet HTML 12Page - Analog Devices AD5171 Datasheet HTML 13Page - Analog Devices AD5171 Datasheet HTML 14Page - Analog Devices AD5171 Datasheet HTML 15Page - Analog Devices AD5171 Datasheet HTML 16Page - Analog Devices AD5171 Datasheet HTML 17Page - Analog Devices AD5171 Datasheet HTML 18Page - Analog Devices AD5171 Datasheet HTML 19Page - Analog Devices AD5171 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5171
APPLICATIONS
PROGRAMMABLE VOLTAGE REFERENCE (DAC)
It is common to buffer the output of the digital potentiometer
as a DAC unless the load is much larger than RWB. The buffer
serves the purpose of impedance conversion as well as
delivering higher current, which may be needed.
GND
VIN
VOUT
1U1
5V
2
3
V0
AD8601
5V
A
W
B
AD1582
ADR03
A1
AD5171
U2
Figure 40. Programmable Voltage Reference (DAC)
GAIN CONTROL COMPENSATION
The digital potentiometers are commonly used in gain controls
(Figure 41) or sensor transimpedance amplifier signal
conditioning applications. To avoid gain peaking or in worst-
case oscillation due to step response, a compensation capacitor
is needed. In general, C2 in the range of a few picofarads to no
more than a few tenths of a picofarad is adequate for the
compensation.
U1
C2
4.7pF
A
B
W
R2 100k
Ω
VO
VI
R1
47k
Ω
Figure 41. Typical Noninverting Gain Amplifier
PROGRAMMABLE VOLTAGE SOURCE WITH
BOOSTED OUTPUT
For applications that require high current adjustment, such as a
laser diode driver or tunable laser, a boosted voltage source can
be considered (Figure 42).
+V
W
SIGNAL
CC RBIAS
LD
VIN
A
B
VOUT
U1
AD5171
U3 2N7002
AD8601
U2
–V
IL
Figure 42. Programmable Booster Voltage Source
In this circuit, the inverting input of the op amp forces the VOUT
to be equal to the wiper voltage set by the digital potentiometer.
The load current is then delivered by the supply via the N-Ch
FET N1. N1 power handling must be adequate to dissipate
(VI − VO) × IL power. This circuit can source a maximum of
100 mA with a 5 V supply. For precision applications, a voltage
reference such as ADR421, ADR03, or ADR370 can be applied
at the A terminal of the digital potentiometer.
LEVEL SHIFTING FOR DIFFERENT VOLTAGE
OPERATION
When users need to interface a 2.5 V controller with AD5171, a
proper voltage level shift must be employed so that the digital
potentiometer can be read from or written to the controller;
Figure 43 shows one of the implementations. M1 and M2
should be low threshold N-Ch power MOSFETs, such as
FDV301N.
2.5V
CONTROLLER
2.7V–5.5V
AD5171
Rp
Rp
Rp
Rp
VDD1 = 2.5V
VDD2 = 5V
G
G
S
D
M1
S
D
M2
SDA1
SCL1
SDA2
SCL2
Figure 43. Level Shifting for Different Voltage Operation
RESISTANCE SCALING
The AD5171 offers 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ nominal
resistances. For users who need to optimize the resolution with
an arbitrary full-range resistance, the following techniques can
be used. By paralleling a discrete resistor (Figure 44) a
proportion tely lower voltage appears at terminal A to B, which
is applicable to only the voltage divider mode.
This translates into a finer degree of precision because the step
size at terminal W will be smaller. The voltage can be found as
DD
AB
AB
W
V
D
R
R
R
R
R
D
V
×
×
+
=
64
2
||
3
)
2
||
(
)
(
(5)
R1
R2
B
A
VDD
R3
W
Figure 44. Lowering the Nominal Resistance
Rev. PrC | Page 17 of 20
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com